전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

SPC58NG80C3 데이터시트(PDF) 128 Page - STMicroelectronics

부품명 SPC58NG80C3
상세설명  32-bit Power Architecture microcontroller for automotive ASIL-D applications
PDF  139 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  STMICROELECTRONICS [STMicroelectronics]
홈페이지  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SPC58NG80C3 데이터시트(HTML) 128 Page - STMicroelectronics

Back Button SPC58NG80C3 Datasheet HTML 124Page - STMicroelectronics SPC58NG80C3 Datasheet HTML 125Page - STMicroelectronics SPC58NG80C3 Datasheet HTML 126Page - STMicroelectronics SPC58NG80C3 Datasheet HTML 127Page - STMicroelectronics SPC58NG80C3 Datasheet HTML 128Page - STMicroelectronics SPC58NG80C3 Datasheet HTML 129Page - STMicroelectronics SPC58NG80C3 Datasheet HTML 130Page - STMicroelectronics SPC58NG80C3 Datasheet HTML 131Page - STMicroelectronics SPC58NG80C3 Datasheet HTML 132Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 128 / 139 page
background image
Revision history
SPC584Gx, SPC58EGx, SPC58NGx
128/139
DS11758 Rev 6
7
Revision history
Table 75. Document revision history
Date
Revision
Changes
28-Jul-2016
1
Initial release.
09-Sep-2016
2
Changed Microsoft Excel® workbook attached to this document (was
SPC584Gx_SPC58EGx_SPC58NGx_IO_Definition_v1.xlsx dated
July 26, 2016).
For details, refer to the sheet Revision History of the attached file
“SPC584Gx_SPC58EGx_SPC58NGx_IO_Definition_v2.xlsx”.
Updated Section 4.12: ADC system
For ADC12 bit, “FAST SAR” updated to “Fast SAR” and “Slow SAR”
updated to “Slow SAR (SARADC_B)”
For ADC10 bit, instance of “Slow SAR” removed and “FAST SAR”
replaced with “–”.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More