전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

LSF0204DRGYRG4.B 데이터시트(PDF) 22 Page - Texas Instruments

부품명 LSF0204DRGYRG4.B
상세설명  LSF0204x 4-Bits Bidirectional Multi-Voltage Level Translator for Open-Drain and Push-Pull Application
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TI2 [Texas Instruments]
홈페이지  https://www.ti.com
Logo TI2 - Texas Instruments

LSF0204DRGYRG4.B 데이터시트(HTML) 22 Page - Texas Instruments

Back Button LSF0204DRGYRG4.B Datasheet HTML 18Page - Texas Instruments LSF0204DRGYRG4.B Datasheet HTML 19Page - Texas Instruments LSF0204DRGYRG4.B Datasheet HTML 20Page - Texas Instruments LSF0204DRGYRG4.B Datasheet HTML 21Page - Texas Instruments LSF0204DRGYRG4.B Datasheet HTML 22Page - Texas Instruments LSF0204DRGYRG4.B Datasheet HTML 23Page - Texas Instruments LSF0204DRGYRG4.B Datasheet HTML 24Page - Texas Instruments LSF0204DRGYRG4.B Datasheet HTML 25Page - Texas Instruments LSF0204DRGYRG4.B Datasheet HTML 26Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 39 page
background image
www.ti.com
PACKAGE OUTLINE
C
0.5 MAX
0.19
0.15
1.5
TYP
1 TYP
0.5
TYP
0.5 TYP
12X
0.25
0.21
B
E
A
D
DSBGA - 0.5 mm max height
YZP0012-C01
DIE SIZE BALL GRID ARRAY
4224761/A 01/2019
D: Max = 1.972 mm, Min = 1.912 mm
E: Max = 1.472 mm, Min = 1.412 mm
NOTES:
1. All linear dimensions are in millimeters. Any dimensions in parenthesis are for reference only. Dimensioning and tolerancing
per ASME Y14.5M.
2. This drawing is subject to change without notice.
LSF0204/LSF0204D
BALL A3
INDEX
AREA
SEATING PLANE
BALL TYP
0.05 C
1
2
3
0.015
C A B
SYMM
SYMM
D
C
B
A
SCALE 8.000
LSF0204, LSF0204D
SLVSCP5H – JULY 2014 – REVISED APRIL 2021
www.ti.com
22
Submit Document Feedback
Copyright © 2022 Texas Instruments Incorporated
Product Folder Links: LSF0204 LSF0204D



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com