전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

LSF0204DRGYRG4.B 데이터시트(PDF) 37 Page - Texas Instruments

부품명 LSF0204DRGYRG4.B
상세설명  LSF0204x 4-Bits Bidirectional Multi-Voltage Level Translator for Open-Drain and Push-Pull Application
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TI2 [Texas Instruments]
홈페이지  https://www.ti.com
Logo TI2 - Texas Instruments

LSF0204DRGYRG4.B 데이터시트(HTML) 37 Page - Texas Instruments

Back Button LSF0204DRGYRG4.B Datasheet HTML 31Page - Texas Instruments LSF0204DRGYRG4.B Datasheet HTML 32Page - Texas Instruments LSF0204DRGYRG4.B Datasheet HTML 33Page - Texas Instruments LSF0204DRGYRG4.B Datasheet HTML 34Page - Texas Instruments LSF0204DRGYRG4.B Datasheet HTML 35Page - Texas Instruments LSF0204DRGYRG4.B Datasheet HTML 36Page - Texas Instruments LSF0204DRGYRG4.B Datasheet HTML 37Page - Texas Instruments LSF0204DRGYRG4.B Datasheet HTML 38Page - Texas Instruments LSF0204DRGYRG4.B Datasheet HTML 39Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 37 / 39 page
background image
www.ti.com
EXAMPLE BOARD LAYOUT
0.05 MIN
ALL AROUND
0.05 MAX
ALL AROUND
12X (0.2)
(1.4)
8X (0.4)
(1.7)
12X (0.7)
(R0.05) TYP
4220310/A 11/2016
UQFN - 0.55 mm max height
RUT0012A
PLASTIC QUAD FLATPACK - NO LEAD
SYMM
1
5
6
12
SYMM
LAND PATTERN EXAMPLE
SCALE:30X
7
11
NOTES: (continued)
3. For more information, see Texas Instruments literature number SLUA271 (www.ti.com/lit/slua271).
SOLDER MASK
OPENING
SOLDER MASK
METAL UNDER
SOLDER MASK
DEFINED
METAL
SOLDER MASK
OPENING
SOLDER MASK DETAILS
NON SOLDER MASK
DEFINED
(PREFERRED)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com