전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

MSP430FR2000IRLL 데이터시트(PDF) 26 Page - Texas Instruments

부품명 MSP430FR2000IRLL
상세설명  MSP430FR21xx, MSP430FR2000 Mixed-Signal Microcontrollers
PDF  85 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TI2 [Texas Instruments]
홈페이지  https://www.ti.com
Logo TI2 - Texas Instruments

MSP430FR2000IRLL 데이터시트(HTML) 26 Page - Texas Instruments

Back Button MSP430FR2000IRLL Datasheet HTML 22Page - Texas Instruments MSP430FR2000IRLL Datasheet HTML 23Page - Texas Instruments MSP430FR2000IRLL Datasheet HTML 24Page - Texas Instruments MSP430FR2000IRLL Datasheet HTML 25Page - Texas Instruments MSP430FR2000IRLL Datasheet HTML 26Page - Texas Instruments MSP430FR2000IRLL Datasheet HTML 27Page - Texas Instruments MSP430FR2000IRLL Datasheet HTML 28Page - Texas Instruments MSP430FR2000IRLL Datasheet HTML 29Page - Texas Instruments MSP430FR2000IRLL Datasheet HTML 30Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 85 page
background image
8.12.4.3 Digital I/O Typical Characteristics
0
5
10
15
20
25
0
0.5
1
1.5
2
2.5
3
Low-Level Output Voltage (V)
85°C
25°C
Figure 8-6. Typical Low-Level Output Current vs Low-Level
Output Voltage (DVCC = 3 V)
0
2.5
5
7.5
10
0
0.25
0.5
0.75
1
1.25
1.5
1.75
2
Low-Level Output Voltage (V)
85°C
25°C
Figure 8-7. Typical Low-Level Output Current vs Low-Level
Output Voltage (DVCC = 2 V)
-25
-20
-15
-10
-5
0
0
0.5
1
1.5
2
2.5
3
High-Level Output Voltage (V)
85°C
25°C
Figure 8-8. Typical High-Level Output Current vs High-Level
Output Voltage (DVCC = 3 V)
-10
-7.5
-5
-2.5
0
0
0.25
0.5
0.75
1
1.25
1.5
1.75
2
High-Level Output Voltage (V)
85°C
25 C
°
Figure 8-9. Typical High-Level Output Current vs High-Level
Output Voltage (DVCC = 2 V)
MSP430FR2111, MSP430FR2110, MSP430FR2100, MSP430FR2000
SLASE78E – AUGUST 2016 – REVISED JUNE 2021
www.ti.com
26
Submit Document Feedback
Copyright © 2021 Texas Instruments Incorporated
Product Folder Links: MSP430FR2111 MSP430FR2110 MSP430FR2100 MSP430FR2000



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com