전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

MS85R4M1TA 데이터시트(PDF) 16 Page - RAMXEED LIMITED

부품명 MS85R4M1TA
상세설명  4 M (512 K × 8) Bit
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  RAMXEED [RAMXEED LIMITED]
홈페이지  https://www.ramxeed.com/
Logo RAMXEED - RAMXEED LIMITED

MS85R4M1TA 데이터시트(HTML) 16 Page - RAMXEED LIMITED

Back Button MS85R4M1TA Datasheet HTML 12Page - RAMXEED LIMITED MS85R4M1TA Datasheet HTML 13Page - RAMXEED LIMITED MS85R4M1TA Datasheet HTML 14Page - RAMXEED LIMITED MS85R4M1TA Datasheet HTML 15Page - RAMXEED LIMITED MS85R4M1TA Datasheet HTML 16Page - RAMXEED LIMITED MS85R4M1TA Datasheet HTML 17Page - RAMXEED LIMITED MS85R4M1TA Datasheet HTML 18Page - RAMXEED LIMITED MS85R4M1TA Datasheet HTML 19Page - RAMXEED LIMITED MS85R4M1TA Datasheet HTML 20Page - RAMXEED LIMITED Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 25 page
background image
16
DS501-00093-1v1-E
MS85R4M1TA
POWER ON/OFF SEQUENCE
When applying relatively short term VDD pulse whose peak is more than 1.7V, it is required to set falling time, tVF
more than 0.4ms/V. (In case VDD rises over 1.7V and falls just after that, if this term is short, device may lose
its function.)
FeRAM CHARACTERISTICS
Item
Min
Max
Unit
Parameter
Read/Write Endurance*1
1013 *2
―
Times
Operation Ambient Temperature
TA = + 105 °C
1014
―
Operation Ambient Temperature
TA = + 85 °C
Data Retention*3
10
―
Years
Operation Ambient Temperature
TA = + 105 °C
40
Operation Ambient Temperature
TA = + 85 °C
95
―
Operation Ambient Temperature
TA = + 55 °C
≥ 200
―
Operation Ambient Temperature
TA = + 35 °C
*1: The values for Read/Write Endurance apply to the total number of read and write operations per row in
FeRAM. This is because FeRAM needs writing operation after each reading operations. When switching
rows, the number of Read/Write operations is counted for each selected row. However, if only addresses A0,
A1 and A2 are switched, no row switching occurs. The memory consists of 64 internal outputs per row, and
switching only A0, A1 and A2 selects 8 of these outputs. Each row in the memory array has 64 internal
outputs, and 8 outputs are selected by A0, A1 and A2. Therefore, once a certain address is selected, switching
only A0, A1 and A2 does not change the selected row, and the Read/Write count is totaled as one operation.
For other address switches, each corresponding row is counted once.
*2: Evaluating about minimum Read/Write Endurance at +105℃, over 1013 times.
*3: The minimum value of Date Retention refers to data retention term from first read/write after the device
shipped. The value is estimated from qualification results.
NOTE ON USE
• We recommend programming of the device after reflow. Data written before reflow cannot be
guaranteed.
* : /CE (Max) < V
DD+0.3V
/CE Don’t Care
t
PD
t
PU
/CE >V
DD×0.8*
/CE>V
DD×0.8*
t
VF
t
VR
/CE
V
DD
V
SS
V
IH(Min)
V
IL(Max)
V
DD(Min)
1.0V
V
DD
V
IH(Min)
V
IL(Max)
V
SS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com