전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

MS85R4M1TA 데이터시트(PDF) 17 Page - RAMXEED LIMITED

부품명 MS85R4M1TA
상세설명  4 M (512 K × 8) Bit
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  RAMXEED [RAMXEED LIMITED]
홈페이지  https://www.ramxeed.com/
Logo RAMXEED - RAMXEED LIMITED

MS85R4M1TA 데이터시트(HTML) 17 Page - RAMXEED LIMITED

Back Button MS85R4M1TA Datasheet HTML 13Page - RAMXEED LIMITED MS85R4M1TA Datasheet HTML 14Page - RAMXEED LIMITED MS85R4M1TA Datasheet HTML 15Page - RAMXEED LIMITED MS85R4M1TA Datasheet HTML 16Page - RAMXEED LIMITED MS85R4M1TA Datasheet HTML 17Page - RAMXEED LIMITED MS85R4M1TA Datasheet HTML 18Page - RAMXEED LIMITED MS85R4M1TA Datasheet HTML 19Page - RAMXEED LIMITED MS85R4M1TA Datasheet HTML 20Page - RAMXEED LIMITED MS85R4M1TA Datasheet HTML 21Page - RAMXEED LIMITED Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 25 page
background image
DS501-00093-1v1-E
17
MS85R4M1TA
ESD AND LATCH-UP
Test
DUT
Value
ESD HBM (Human Body Model)
JESD22-A114 compliant
MS85R4M1TAFN-G-JAE2
≥ |2000 V|
ESD CDM (Charged Device Model)
JESD22-C101 compliant
≥ |1000 V|
Latch-Up (C-V Method)
Proprietary method
≥ |200 V|
REFLOW CONDITIONS AND FLOOR LIFE
[ JEDEC MSL ] : Moisture Sensitivity Level 3 (IPC/JEDEC J-STD-020E)
CURRENT STATUS ON CONTAINED RESTRICTED SUBSTANCES
This product complies with the regulations of REACH Regulations, EU RoHS Directive and China RoHS.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com