전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

STPS20SM100S 데이터시트(PDF) 1 Page - STMicroelectronics

부품명 STPS20SM100S
상세설명  100 V power Schottky rectifier
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  STMICROELECTRONICS [STMicroelectronics]
홈페이지  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STPS20SM100S 데이터시트(HTML) 1 Page - STMicroelectronics

  STPS20SM100S Datasheet HTML 1Page - STMicroelectronics STPS20SM100S Datasheet HTML 2Page - STMicroelectronics STPS20SM100S Datasheet HTML 3Page - STMicroelectronics STPS20SM100S Datasheet HTML 4Page - STMicroelectronics STPS20SM100S Datasheet HTML 5Page - STMicroelectronics STPS20SM100S Datasheet HTML 6Page - STMicroelectronics STPS20SM100S Datasheet HTML 7Page - STMicroelectronics STPS20SM100S Datasheet HTML 8Page - STMicroelectronics STPS20SM100S Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
A
A
K
A(1)
K(2)
A(3)
A
K
A
TO-220AB
K
K
I²PAK
Features
•
High current capability
•
Avalanche rated
•
Low forward voltage drop
•
High frequency operation
•
ECOPACK®2 compliant
Applications
•
Switching diode
•
SMPS
•
DC/DC converter
•
LED lighting
•
Desktop power supply
Description
This single Schottky rectifier is suited for high frequency switch mode power supply.
Packaged in TO-220AB and I²PAK, the STPS20SM100S is intended to be used in
notebook, game station and desktop adaptors, providing in these applications a good
efficiency at both low and high load.
Product status link
STPS20SM100S
Product summary
IF(AV)
20 A
VRRM
100 V
Tj (max.)
150 °C
VF (typ.)
0.63 V
100 V power Schottky rectifier
STPS20SM100S
Datasheet
DS6172 - Rev 4 - October 2018
For further information contact your local STMicroelectronics sales office.
www.st.com


유사한 부품 번호 - STPS20SM100S

제조업체부품명데이터시트상세설명
logo
STMicroelectronics
STPS20SM100S STMICROELECTRONICS-STPS20SM100S Datasheet
152Kb / 11P
Power Schottky rectifier
16-Apr-2010
STPS20SM100S STMICROELECTRONICS-STPS20SM100S Datasheet
150Kb / 11P
Power Schottky rectifier
16-Apr-2010
STPS20SM100SFP STMICROELECTRONICS-STPS20SM100SFP Datasheet
150Kb / 11P
Power Schottky rectifier
16-Apr-2010
STPS20SM100SG-TR STMICROELECTRONICS-STPS20SM100SG-TR Datasheet
150Kb / 11P
Power Schottky rectifier
16-Apr-2010
STPS20SM100SR STMICROELECTRONICS-STPS20SM100SR Datasheet
150Kb / 11P
Power Schottky rectifier
16-Apr-2010
More results

유사한 설명 - STPS20SM100S

제조업체부품명데이터시트상세설명
logo
STMicroelectronics
STPS20H100C STMICROELECTRONICS-STPS20H100C_11 Datasheet
138Kb / 11P
100 V power Schottky rectifier
22-Sep-2011
STPS30M100S STMICROELECTRONICS-STPS30M100S Datasheet
140Kb / 10P
100 V, 30 A power Schottky rectifier
28-Jan-2011
STPS30M100ST STMICROELECTRONICS-STPS30M100ST Datasheet
140Kb / 10P
100 V, 30 A power Schottky rectifier
28-Jan-2011
STPS5H100UFN STMICROELECTRONICS-STPS5H100UFN Datasheet
171Kb / 8P
5 A - 100 V power Schottky rectifier
Rev 1 - January 2020
STPS2H100 STMICROELECTRONICS-STPS2H100_V01 Datasheet
410Kb / 19P
100 V, 2 A power Schottky rectifier
October 2019
STPS1H100 STMICROELECTRONICS-STPS1H100_V01 Datasheet
428Kb / 15P
100 V, 1 A power Schottky rectifier
October 2019
STPS5H100SF STMICROELECTRONICS-STPS5H100SF Datasheet
323Kb / 9P
100 V power Schottky rectifier
July 2018 Rev 1
STPS6M100SF STMICROELECTRONICS-STPS6M100SF Datasheet
322Kb / 9P
100 V power Schottky rectifier
30-Jul-2018
STPS20M100S STMICROELECTRONICS-STPS20M100S_V01 Datasheet
369Kb / 15P
100 V, 20 A power Schottky rectifier
Rev 5 - February 2019
STPS30SM100S STMICROELECTRONICS-STPS30SM100S_V01 Datasheet
335Kb / 14P
100 V, 30 A power Schottky rectifier
Rev 7 - February 2019
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com