전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

STPS20SM100S 데이터시트(PDF) 4 Page - STMicroelectronics

부품명 STPS20SM100S
상세설명  100 V power Schottky rectifier
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  STMICROELECTRONICS [STMicroelectronics]
홈페이지  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STPS20SM100S 데이터시트(HTML) 4 Page - STMicroelectronics

  STPS20SM100S Datasheet HTML 1Page - STMicroelectronics STPS20SM100S Datasheet HTML 2Page - STMicroelectronics STPS20SM100S Datasheet HTML 3Page - STMicroelectronics STPS20SM100S Datasheet HTML 4Page - STMicroelectronics STPS20SM100S Datasheet HTML 5Page - STMicroelectronics STPS20SM100S Datasheet HTML 6Page - STMicroelectronics STPS20SM100S Datasheet HTML 7Page - STMicroelectronics STPS20SM100S Datasheet HTML 8Page - STMicroelectronics STPS20SM100S Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
Figure 5. Reverse leakage current versus reverse voltage
applied (typical values)
1.E-03
1.E-02
1.E-01
1.E+00
1.E+01
1.E+02
0
10
20
30
40
50
60
70
80
90
100
Tj = 150 °C
Tj = 125 °C
Tj = 25 °C
Tj = 100 °C
Tj = 75 °C
Tj = 50 °C
VR(V)
IR(mA)
Figure 6. Junction capacitance versus reverse voltage
applied (typical values)
100
1000
10000
1
1 0
100
F = 1 MHz
VOSC=30mVRMS
Tj= 25 °C
VR(V)
C(pF)
Figure 7. Forward voltage drop versus forward current (terminals 1 and 3 short circuited)
IF(A)
0
10
20
30
40
0.0
0.2
0.4
0.6
0.8
1.0
1.2
Tj= 25 °C
(Maximum values)
Tj=125°C
(Maximum values)
Tj= 125 °C
(Maximum values)
Tj=125°C
(Typical values)
Tj= 125 °C
(Typical values)
V (V)
F
STPS20SM100S
Characteristics (curves)
DS6172 - Rev 4
page 4/10



Html Pages

1 2 3 4 5 6 7 8 9 10


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com