전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

STPS20SM100ST 데이터시트(PDF) 3 Page - STMicroelectronics

부품명 STPS20SM100ST
상세설명  100 V power Schottky rectifier
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  STMICROELECTRONICS [STMicroelectronics]
홈페이지  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STPS20SM100ST 데이터시트(HTML) 3 Page - STMicroelectronics

  STPS20SM100ST Datasheet HTML 1Page - STMicroelectronics STPS20SM100ST Datasheet HTML 2Page - STMicroelectronics STPS20SM100ST Datasheet HTML 3Page - STMicroelectronics STPS20SM100ST Datasheet HTML 4Page - STMicroelectronics STPS20SM100ST Datasheet HTML 5Page - STMicroelectronics STPS20SM100ST Datasheet HTML 6Page - STMicroelectronics STPS20SM100ST Datasheet HTML 7Page - STMicroelectronics STPS20SM100ST Datasheet HTML 8Page - STMicroelectronics STPS20SM100ST Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
AN4021: Calculation of reverse losses on a power diode
1.1
Characteristics (curves)
Figure 1. Average forward power dissipation versus
average forward current (terminals 1 and 3 short
circuited)
0
2
4
6
8
10
12
14
16
18
20
22
0
2
4
6
8
10
12
14
16
18
20
22
24
26
28
δ = 0.05
δ = 0.1
δ = 0.2
δ = 0.5
δ = 1
T
δ = tp/T
tp
PF(AV)(W)
IF(AV)(A)
Figure 2. Average forward current versus ambient
temperature (δ = 0.5, terminals 1 and 3 short circuited)
0
2
4
6
8
10
12
14
16
18
20
22
0
2 5
5 0
7 5
100
125
150
Rth(j-a)= R th(j-c)
Rth(j-a)= 15°C/W
T
δ =tp/T
tp
T
(°C)
amb
IF(AV)(A)
Figure 3. Normalized avalanche power derating versus
pulse duration (Tj = 125 °C)
P
(tp)
P
(10 µs)
ARM
ARM
0.001
0.01
0.1
1
1
10
100
1000
t (µs)
p
Figure 4. Relative variation of thermal impedance junction
to case versus pulse duration
0.0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1.0
1.E-03
1.E-02
1.E-01
1.E+00
Single pulse
TO-220AB/I²PAK
tp(s)
Zth(j-c) /Rth(j-c)
STPS20SM100S
Characteristics (curves)
DS6172 - Rev 4
page 3/10



Html Pages

1 2 3 4 5 6 7 8 9 10


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com