전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

GQM1555C2DR10WB01 데이터시트(PDF) 15 Page - Murata Manufacturing Co., Ltd

부품명 GQM1555C2DR10WB01
상세설명  Ceramic Capacitors(SMD)
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  MURATA1 [Murata Manufacturing Co., Ltd]
홈페이지  http://www.murata.com
Logo MURATA1 - Murata Manufacturing Co., Ltd

GQM1555C2DR10WB01 데이터시트(HTML) 15 Page - Murata Manufacturing Co., Ltd

Back Button GQM1555C2DR10WB01 Datasheet HTML 11Page - Murata Manufacturing Co., Ltd GQM1555C2DR10WB01 Datasheet HTML 12Page - Murata Manufacturing Co., Ltd GQM1555C2DR10WB01 Datasheet HTML 13Page - Murata Manufacturing Co., Ltd GQM1555C2DR10WB01 Datasheet HTML 14Page - Murata Manufacturing Co., Ltd GQM1555C2DR10WB01 Datasheet HTML 15Page - Murata Manufacturing Co., Ltd GQM1555C2DR10WB01 Datasheet HTML 16Page - Murata Manufacturing Co., Ltd GQM1555C2DR10WB01 Datasheet HTML 17Page - Murata Manufacturing Co., Ltd GQM1555C2DR10WB01 Datasheet HTML 18Page - Murata Manufacturing Co., Ltd GQM1555C2DR10WB01 Datasheet HTML 19Page - Murata Manufacturing Co., Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 32 page
background image
■Soldering and Mounting
1. Mounting Position
1. Confirm the best mounting position and direction that minimizes the stress imposed on the capacitor during flexing or bending the printed circuit board.
 1-1. Choose a mounting position that minimizes the stress imposed on the chip during flexing or bending of the board.
[ Component Direction ]
Locate chip horizontal to the
direction in which stress acts.
(Bad Example)
(Good Example)
[ Chip Mounting Close to Board Separation Point ]
It is effective to implement the following measures, to reduce stress in separating the board.
It is best to implement all of the following three measures; however, implement as many measures as possible to reduce stress.
*1 A > D is valid when stress is added vertically to the perforation as with Hand Separation.
If a Cutting Disc is used, stress will be diagonal to the PCB, therefore A > D is invalid.
[ Mounting Capacitors Near Screw Holes ]
When a capacitor is mounted near a screw hole, it may be affected by the board deflection that occurs during the tightening of the screw.
Mount the capacitor in a position as far away from the screw holes as possible.
 
2. Information before Mounting
 1. Do not re-use capacitors that were removed from the equipment.
 2. Confirm capacitance characteristics under actual applied voltage.
 3. Confirm the mechanical stress under actual process and equipment use.
 4. Confirm the rated capacitance, rated voltage and other electrical characteristics before assembly.
 5. Prior to use, confirm the solderability of capacitors that were in long-term storage.
 6. Prior to measuring capacitance, carry out a heat treatment for capacitors that were in long-term storage.
 7. The use of Sn-Zn based solder will deteriorate the reliability of the MLCC. Please contact our sales representative or product engineers on the use of Sn-Zn based solder in advance.
(3) Keep the mounting position of the component away from the board separation surface.
A
 > C
Contents of Measures
Stress Level
(1) Turn the mounting direction of the component parallel to the board separation surface.
A
 > D *1
(2) Add slits in the board separation part.
A
 > B
GQM1555C2DR10WB01-01A
15



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32