전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

L99PM72GXP 데이터시트(PDF) 70 Page - STMicroelectronics

부품명 L99PM72GXP
상세설명  Advanced power management system IC with embedded LIN and high speed CAN transceiver supporting CAN Partial Networking
PDF  129 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  STMICROELECTRONICS [STMicroelectronics]
홈페이지  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L99PM72GXP 데이터시트(HTML) 70 Page - STMicroelectronics

Back Button L99PM72GXP Datasheet HTML 66Page - STMicroelectronics L99PM72GXP Datasheet HTML 67Page - STMicroelectronics L99PM72GXP Datasheet HTML 68Page - STMicroelectronics L99PM72GXP Datasheet HTML 69Page - STMicroelectronics L99PM72GXP Datasheet HTML 70Page - STMicroelectronics L99PM72GXP Datasheet HTML 71Page - STMicroelectronics L99PM72GXP Datasheet HTML 72Page - STMicroelectronics L99PM72GXP Datasheet HTML 73Page - STMicroelectronics L99PM72GXP Datasheet HTML 74Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 70 / 129 page
background image
Electrical specifications
L99PM72GXP
70/129
DocID024767 Rev 4
Figure 33. LIN transmit, receive timing
5.5.13
Operational amplifier
The voltages are referred to GND and currents are assumed positive, when the current
flows into the pin. 6 V < VS < 18 V; Tj = -40°C to 130°C, unless otherwise specified.
Note:
The operational amplifier is on-chip stabilized for external capacitive loads CL < 25pF (all
operating conditions)
Table 35. Operational amplifier
Symbol
Parameter
Test condition
Min.
Typ.
Max.
Unit
GBW
GBW product
1
3.5
7.0
MHz
AVOLDC
DC open loop gain
80
dB
PSRR
Power supply rejection
DC, VIN = 150 mV
80
dB
Voff
Input offset voltage
-5
+5
mV
VICR
Common mode input range
-0.2
0
3
V
VOH
Output voltage range high
ILOAD =1 mA to GND
VS -0.2
VS
V
VOL
Output voltage range low
ILOAD =1 mA to VS
0
0.2
V
ILim+
Output current limitation +
DC
10
15
30
mA
Ilim-
Output current limitation -
DC
-10
-15
-30
mA
SR+
Slew rate positive
1
4
10
V/µs
SR-
Slew rate negative
-1
-4
-10
V/µs



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com