전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

L99PM72GXP 데이터시트(PDF) 105 Page - STMicroelectronics

부품명 L99PM72GXP
상세설명  Advanced power management system IC with embedded LIN and high speed CAN transceiver supporting CAN Partial Networking
PDF  129 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  STMICROELECTRONICS [STMicroelectronics]
홈페이지  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L99PM72GXP 데이터시트(HTML) 105 Page - STMicroelectronics

Back Button L99PM72GXP Datasheet HTML 101Page - STMicroelectronics L99PM72GXP Datasheet HTML 102Page - STMicroelectronics L99PM72GXP Datasheet HTML 103Page - STMicroelectronics L99PM72GXP Datasheet HTML 104Page - STMicroelectronics L99PM72GXP Datasheet HTML 105Page - STMicroelectronics L99PM72GXP Datasheet HTML 106Page - STMicroelectronics L99PM72GXP Datasheet HTML 107Page - STMicroelectronics L99PM72GXP Datasheet HTML 108Page - STMicroelectronics L99PM72GXP Datasheet HTML 109Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 105 / 129 page
background image
DocID024767 Rev 4
105/129
L99PM72GXP
ST SPI
128
6.2.9
Control Register 7
Table 95. Control register 7: command and data bytes
Command byte
1st data byte
2nd data byte
Read/write
Address
x
x
0
0
0
1
1
1
Data, 8bit
Data, 8 bit
Table 96. Control register 7, data bytes
1st data byte <15:8>
2nd data byte <7:0>
Defaults
000000
0000000000
Function
Group
Selective Wakeup Settings
Table 97. Control register 7, bits
Bit
Name
Comment
15
EXT_ID_15
Extended CAN Identifier
Definition of which Extended CAN Identifier will wake up
To run matching on Extended CAN Identifier also CAN IDE (Control Register 9
must be set)
14
EXT_ID_14
13
EXT_ID_13
12
EXT_ID_12
11
EXT_ID_11
10
EXT_ID_10
9
EXT_ID_9
8
EXT_ID_8
7
EXT_ID_7
6
EXT_ID_6
5
EXT_ID_5
4
EXT_ID_4
3
EXT_ID_3
2
EXT_ID_2
1
EXT_ID_1
0
EXT_ID_0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More