전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

FC106 데이터시트(PDF) 5 Page - STMicroelectronics

부품명 FC106
상세설명  Fibre Channel Transceiver 1.0625 GBaud
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  STMICROELECTRONICS [STMicroelectronics]
홈페이지  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

FC106 데이터시트(HTML) 5 Page - STMicroelectronics

  FC106 Datasheet HTML 1Page - STMicroelectronics FC106 Datasheet HTML 2Page - STMicroelectronics FC106 Datasheet HTML 3Page - STMicroelectronics FC106 Datasheet HTML 4Page - STMicroelectronics FC106 Datasheet HTML 5Page - STMicroelectronics FC106 Datasheet HTML 6Page - STMicroelectronics FC106 Datasheet HTML 7Page - STMicroelectronics FC106 Datasheet HTML 8Page - STMicroelectronics FC106 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 32 page
background image
FC106
Revision 1.2
5/32
September 98
The FC106 integrates a loop-back path for system-level test purposes. It also includes a
self-test capability in which random patterns are transmitted through the internal loop-back
path and compared after reception.
The FC106 is implemented in a standard digital 0.35
µ CMOS process. Its typical power
consumption is 0.4 Watts (not including the power required to drive the TTL parallel output
port, which is in the 0.1 Watt range for output capacitive loads of 10 pF per pin).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32