전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

PM8804TR 데이터시트(PDF) 23 Page - STMicroelectronics

부품명 PM8804TR
상세설명  PWM peak current mode controller for PoE and telecom systems
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  STMICROELECTRONICS [STMicroelectronics]
홈페이지  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

PM8804TR 데이터시트(HTML) 23 Page - STMicroelectronics

Back Button PM8804TR Datasheet HTML 19Page - STMicroelectronics PM8804TR Datasheet HTML 20Page - STMicroelectronics PM8804TR Datasheet HTML 21Page - STMicroelectronics PM8804TR Datasheet HTML 22Page - STMicroelectronics PM8804TR Datasheet HTML 23Page - STMicroelectronics PM8804TR Datasheet HTML 24Page - STMicroelectronics PM8804TR Datasheet HTML 25Page - STMicroelectronics PM8804TR Datasheet HTML 26Page - STMicroelectronics PM8804TR Datasheet HTML 27Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 23 / 27 page
background image
DocID031629 Rev 1
23/27
PM8804
Layout guidelines
27
6.4
Component placement
Place the PM8804 and all the related components close to each other; use both sides
Place all the feedback components close to each other, use both sides
Place the sense resistors close to the power MOSFET, if possible on the same side
Place the input ceramic capacitors close to the input side of power transformer, if
possible on the same side
Place the primary snubber network close to the power transformer, on the bottom side
Place the rectifier diode or MOSFET close to the output side of the transformer, if
possible on the same side
Place the secondary snubber network close to the rectifier diode or MOSFET, bottom
side
Place the decoupling capacitors for VC close to the PM8804 pin 1
Place the components for FSW, DT and SS pins in a quiet area, separated as much as
possible from the other signals
Use interconnections of at least 20 mils for the following PM8804 pins: GAT1, GAT2,
VC.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27