전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

UCD7232RTJR 데이터시트(PDF) 2 Page - Texas Instruments

부품명 UCD7232RTJR
상세설명  Digital Control Compatible Synchronous-Buck Gate Driver With Current Sense and Fault Protection
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TI2 [Texas Instruments]
홈페이지  https://www.ti.com
Logo TI2 - Texas Instruments

UCD7232RTJR 데이터시트(HTML) 2 Page - Texas Instruments

  UCD7232RTJR Datasheet HTML 1Page - Texas Instruments UCD7232RTJR Datasheet HTML 2Page - Texas Instruments UCD7232RTJR Datasheet HTML 3Page - Texas Instruments UCD7232RTJR Datasheet HTML 4Page - Texas Instruments UCD7232RTJR Datasheet HTML 5Page - Texas Instruments UCD7232RTJR Datasheet HTML 6Page - Texas Instruments UCD7232RTJR Datasheet HTML 7Page - Texas Instruments UCD7232RTJR Datasheet HTML 8Page - Texas Instruments UCD7232RTJR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 34 page
background image
LS Gate
13
4
3
2
VGG DIS
FLT
SRE Mode
SRE
10
PWM
12
AGND
11
9
RDLY
19
HS Gate
20
SW
18
BST
8
7
15
17
14
CSP
CSN
VGG
PGND
1
HS Sense
Thermal
Sense
BP3
5
IMON
6
ILIM
Bias + V
GG
Generator
16
Vin
Digital Control
UVLO
Blanking
Control
G = 50
UCD7232
0.5 V
HS Fault
OC Fault
TSD
PP
PAD
UCD7232
SLUSAH3
– MAY 2011
www.ti.com
These devices have limited built-in ESD protection. The leads should be shorted together or the device placed in conductive foam
during storage or handling to prevent electrostatic damage to the MOS gates.
DESCRIPTION (CONTINUED)
An on-chip temperature sense monitors the die temperature. If it exceeds approximately 165
°C, the temperature
sensor will initiate a thermal shutdown that halts output switching and sets the FLT flag. The temperature fault
automatically clears when the die temperatures falls by approximately 20
°.
FUNCTIONAL BLOCK DIAGRAM
Figure 1. UCD7232 Block Diagram
2
Copyright
© 2011, Texas Instruments Incorporated



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com