전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

UCD7232RTJR 데이터시트(PDF) 30 Page - Texas Instruments

부품명 UCD7232RTJR
상세설명  Digital Control Compatible Synchronous-Buck Gate Driver With Current Sense and Fault Protection
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TI2 [Texas Instruments]
홈페이지  https://www.ti.com
Logo TI2 - Texas Instruments

UCD7232RTJR 데이터시트(HTML) 30 Page - Texas Instruments

Back Button UCD7232RTJR Datasheet HTML 26Page - Texas Instruments UCD7232RTJR Datasheet HTML 27Page - Texas Instruments UCD7232RTJR Datasheet HTML 28Page - Texas Instruments UCD7232RTJR Datasheet HTML 29Page - Texas Instruments UCD7232RTJR Datasheet HTML 30Page - Texas Instruments UCD7232RTJR Datasheet HTML 31Page - Texas Instruments UCD7232RTJR Datasheet HTML 32Page - Texas Instruments UCD7232RTJR Datasheet HTML 33Page - Texas Instruments UCD7232RTJR Datasheet HTML 34Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 30 / 34 page
background image
NOTES:
1.
All linear dimensions are in millimeters. Any dimensions in parenthesis are for reference only. Dimensioning and tolerancing
per ASME Y14.5M.
2.
This drawing is subject to change without notice.
3.
The package thermal pad must be soldered to the printed circuit board for thermal and mechanical performance.
PACKAGE OUTLINE
www.ti.com
4219125 / A 10/2016
WQFN - 0.8 mm max height
PLASTIC QUAD FLATPACK - NO LEAD
RTJ0020D
0.1
C A B
0.05
C
4.1
3.9
4.1
3.9
B
A
PIN 1 INDEX AREA
C
0.8 MAX
0.05
0.00
SEATING PLANE
20X
0.29
0.19
20
PIN 1 ID
(OPTIONAL)
EXPOSED
THERMAL PAD
SYMM
SYMM
(A) TYP
0.08 C
16X 0.5
15
1
DIM A
OPT 1
OPT 2
(0.1)
(0.2)
16
11
5
6
10
21
4X 2
20X
0.5
0.3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com