전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

GS300T48-5E 데이터시트(PDF) 4 Page - STMicroelectronics

부품명 GS300T48-5E
상세설명  300W DC-DC CONVERTER
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  STMICROELECTRONICS [STMicroelectronics]
홈페이지  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

GS300T48-5E 데이터시트(HTML) 4 Page - STMicroelectronics

  GS300T48-5E Datasheet HTML 1Page - STMicroelectronics GS300T48-5E Datasheet HTML 2Page - STMicroelectronics GS300T48-5E Datasheet HTML 3Page - STMicroelectronics GS300T48-5E Datasheet HTML 4Page - STMicroelectronics GS300T48-5E Datasheet HTML 5Page - STMicroelectronics GS300T48-5E Datasheet HTML 6Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
4/6
USER NOTES
Reflected Input Current
The reflected input current measurement (lir, see Electrical Characteristics) is performed according to the
test set-up of fig. 2.
Figure 2.
Softstart
To avoid heavy inrush current the output voltage
rise time is 10ms maximum in any condition of load.
Remote Sensing
The remote voltage sense compensation range is
for a total drop of 0.6V equally shared between the
load connecting wires.
It is a good practice to shield the sensing wires to
avoid oscillations.
See the connection diagram on figures 3, 4, 5, 6.
Remote ON/OFF
The module is controlled by the voltage applied
between the ON/OFF pin and -IN pin.
The converter is ON (Enable) when the voltage
applied is lower than 1.2 V (see Vien on Electrical
Characteristics).
The converter is OFF (Inhibit) for a control voltage
in the range of 8 to 18V (see Viinh).
When the pin is unconnected the converter is OFF.
Maximum sinking current is 1mA.
Module Protection
The module is protected against occasional and
permanent shortcircuits of the outp ut pins to
ground, as well as against output current overload.
It uses a current limiting protection circuitry, avoid-
ing latch-up problems with certain type of loads.
A latching crowbar output overvoltage protection is
activated when the output voltage exceeds the
typical value of 6.3V (see Electrical Charac-
teristics). A thermal non-latchingprotection disables
the module whenever the heatsink temperature
reaches about 85
°C.
Parallel Operation
To increase available output regulated power, the
module features the parallel connection possibility
with equal current sharing and maximum deviation
of 10% (two modules in parallel).
See the connection diagram on figures 3, 4, 5, 6.
GS300T48-5



Html Pages

1 2 3 4 5 6


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com