전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

GS300T48-5E 데이터시트(PDF) 5 Page - STMicroelectronics

부품명 GS300T48-5E
상세설명  300W DC-DC CONVERTER
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  STMICROELECTRONICS [STMicroelectronics]
홈페이지  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

GS300T48-5E 데이터시트(HTML) 5 Page - STMicroelectronics

  GS300T48-5E Datasheet HTML 1Page - STMicroelectronics GS300T48-5E Datasheet HTML 2Page - STMicroelectronics GS300T48-5E Datasheet HTML 3Page - STMicroelectronics GS300T48-5E Datasheet HTML 4Page - STMicroelectronics GS300T48-5E Datasheet HTML 5Page - STMicroelectronics GS300T48-5E Datasheet HTML 6Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
Figure 3.
Figure 4.
Figure 5.
Figure 6.
5/6
Thermal Characteristics
The case-to-ambient thermal resistance of the
GS300T48-5 module is 5.2
°C/W typical. It may be
decreased, improving the convection cooling, by
mounting an external heatsink to the top of the unit
heatsink (fig. 9).
Six threaded holes, # 4-40 UNC on the standard or
# M3 on the E version, 5 mm (0,2”) maximum deep,
are provided for this purpose (see fig. 1).
GS300T48-5



Html Pages

1 2 3 4 5 6


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com