전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

TMP175 데이터시트(PDF) 17 Page - Texas Instruments

부품명 TMP175
상세설명  TMPx75 Temperature Sensor With I2C and SMBus Interface in Industry Standard LM75 Form Factor and Pinout
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TI2 [Texas Instruments]
홈페이지  https://www.ti.com
Logo TI2 - Texas Instruments

TMP175 데이터시트(HTML) 17 Page - Texas Instruments

Back Button TMP175 Datasheet HTML 13Page - Texas Instruments TMP175 Datasheet HTML 14Page - Texas Instruments TMP175 Datasheet HTML 15Page - Texas Instruments TMP175 Datasheet HTML 16Page - Texas Instruments TMP175 Datasheet HTML 17Page - Texas Instruments TMP175 Datasheet HTML 18Page - Texas Instruments TMP175 Datasheet HTML 19Page - Texas Instruments TMP175 Datasheet HTML 20Page - Texas Instruments TMP175 Datasheet HTML 21Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 35 page
background image
7.5.2 Temperature Register
The Temperature register of the TMP175 or TMP75 is a 12-bit, read-only register that stores the output of the
most recent conversion. Two bytes must be read to obtain data, and are described in Table 7-6 and Table 7-7.
Byte 1 is the most significant byte, followed by byte 2, the least significant byte. The first 12 bits are used to
indicate temperature, with all remaining bits equal to zero. The least significant byte does not have to be read if
that information is not needed. Following power-up or reset value, the Temperature register reads 0 °C until the
first conversion is complete.
Table 7-6. Byte 1 of the Temperature Register
D7
D6
D5
D4
D3
D2
D1
D0
T11
T10
T9
T8
T7
T6
T5
T4
Table 7-7. Byte 2 of the Temperature Register
D7
D6
D5
D4
D3
D2
D1
D0
T3
T2
T1
T0
0
0
0
0
7.5.3 Configuration Register
The Configuration register is an 8-bit read/write register used to store bits that control the operational modes
of the temperature sensor. Read and write operations are performed MSB first. The format of the Configuration
register for the TMP175 and TMP75 is shown in Table 7-8, followed by a breakdown of the register bits. The
power-up or reset value of the Configuration register are all bits equal to 0.
Table 7-8. Configuration Register Format
D7
D6
D5
D4
D3
D2
D1
D0
OS
R1
R0
F1
F0
POL
TM
SD
7.5.3.1 Shutdown Mode (SD)
The shutdown mode of the TMP175 and TMP75 allows the user to save maximum power by shutting down
all device circuitry other than the serial interface, which reduces current consumption to typically less than 0.1
μA. Shutdown mode is enabled when the SD bit is 1; the device shuts down when the current conversion is
completed. When SD is equal to 0, the device maintains a continuous conversion state.
7.5.3.2 Thermostat Mode (TM)
The thermostat mode bit of the TMP175 and TMP75 indicates to the device whether to operate in comparator
mode (TM = 0) or interrupt mode (TM = 1). For more information on comparator and interrupt modes, see the
High and Low Limit Registers section.
www.ti.com
TMP175, TMP75
SBOS288M – JANUARY 2004 – REVISED DECEMBER 2020
Copyright © 2022 Texas Instruments Incorporated
Submit Document Feedback
17
Product Folder Links: TMP175 TMP75



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com