| 전자부품 데이터시트 검색엔진 |
|
TPS3435CGLEFDDFR 데이터시트(PDF) 21 Page - Texas Instruments |
|
|
|||||||||||||||||||||||||||||
TPS3435CGLEFDDFR 데이터시트(HTML) 21 Page - Texas Instruments |
|
21 / 37 page ![]() 7.3.2 Manual RESET The TPS3435-Q1 supports manual reset functionality using MR pin. MR pin when driven with voltage lower than 0.3 x VDD, asserts the WDO output. The MR pin has 100kΩ pull up to VDD. The MR pin can be left floating. The internal pull up makes sure the output is not asserted due to MR pin trigger. The output is deasserted after MR pin voltage rises above 0.7 x VDD voltage. Refer Figure 7-10 for more details. MR t P-HL 0.3 x V DD tt SDt WDO 0.7 x V DD Figure 7-10. MR Pin Response www.ti.com TPS3435-Q1 SLVSGF0B – OCTOBER 2022 – REVISED MARCH 2025 Copyright © 2025 Texas Instruments Incorporated Submit Document Feedback 21 Product Folder Links: TPS3435-Q1 |