전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

TPS3435CGLEFDDFR 데이터시트(PDF) 3 Page - Texas Instruments

부품명 TPS3435CGLEFDDFR
상세설명  TPS3435-Q1 Automotive Nano IQ Precision Timeout Watchdog Timer
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TI2 [Texas Instruments]
홈페이지  https://www.ti.com
Logo TI2 - Texas Instruments

TPS3435CGLEFDDFR 데이터시트(HTML) 3 Page - Texas Instruments

  TPS3435CGLEFDDFR Datasheet HTML 1Page - Texas Instruments TPS3435CGLEFDDFR Datasheet HTML 2Page - Texas Instruments TPS3435CGLEFDDFR Datasheet HTML 3Page - Texas Instruments TPS3435CGLEFDDFR Datasheet HTML 4Page - Texas Instruments TPS3435CGLEFDDFR Datasheet HTML 5Page - Texas Instruments TPS3435CGLEFDDFR Datasheet HTML 6Page - Texas Instruments TPS3435CGLEFDDFR Datasheet HTML 7Page - Texas Instruments TPS3435CGLEFDDFR Datasheet HTML 8Page - Texas Instruments TPS3435CGLEFDDFR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 37 page
background image
4 Device Comparison
Figure 4-1 shows the device naming nomenclature of the TPS3435-Q1. For all possible output types, watchdog
time options and output assert delay options, see Section 7 or Table 4-1 for more details. Contact TI sales
representatives or on TI's E2E forum for detail and availability of other options.
Table 4-1. Available devices
Device
Function
(1)
Pinout
(2)
WD Timeout
Startup-
Delay
Time
Scaling
Output
Pulse
Output
Topology
Vit-
TPS3435CAEBJDDFR
WD
C
20ms
0
1, 4, 8
Latched
open-drain
N/A
TPS3435CAGBJDDFRQ1
WD
C
100ms
0
1, 4, 8
Latched
open-drain
N/A
TPS3435CBHAJDDFR
WD
C
200ms
200ms
1, 2, 4
Latched
open-drain
N/A
TPS3435CCGAJDDFR
WD
C
100ms
500ms
1, 2, 4
Latched
open-drain
N/A
TPS3435CECAJDDFRQ1
WD
C
5ms
5s
1, 2, 4
Latched
open-drain
N/A
TPS3435CGLEFDDFR
WD
C
10s
0
1, 32, 64
100ms
push-pull
N/A
TPS3435CAKAGDDFR
WD
C
1.6s
0
1, 2, 4
200ms
open-drain
N/A
TPS3435AFACADDFRQ1
WD
A
Adjustable
10s
1, 8
Adjustable
open-drain
N/A
TPS3435CAKAGDDFRQ1
WD
C
1.6s
0
1, 2, 4
200ms
open-drain
N/A
TPS3435CAIEGDDFR
WD
C
1s
0
1, 32, 64
200ms
open-drain
N/A
TPS3435JAJAJDSER
WD
J
1.4s
0
1, 2
Latched
open-drain
N/A
TPS3435JFMAFDSER
WD
J
50s
10s
1, 2
100ms
open-drain
N/A
TPS35CA38GACDDFRQ1
WD + SVS
C
100ms
0
1, 2, 4
10ms
open-drain
2.9V
TPS35DA40GCJDDFR
WD + SVS
D
100ms
0
1, 8, 16
Latched
open-drain
3V
TPS35DA69GADDDFRQ1
WD + SVS
D
100ms
0
1, 2, 4
25ms
open-drain
4.45V
TPS35JE42IADDSER
WD + SVS
J
1s
20ms
1, 2
25ms
open-drain
3.1V
TPS35AA17AGADDFR
WD + SVS
A
Adjustable
0
1, 128
Adjustable
open-drain
1.85V
TPS35JE35JADDSER
WD + SVS
J
1.4s
5s
1, 2
25ms
open-drain
2.75V
TPS35AA38AGADDFRQ1
WD + SVS
A
Adjustable
0
1, 128
Adjustable
open-drain
2.9V
TPS35CA43DACDDFRQ1
WD + SVS
C
10ms
0
1, 2, 4
10ms
open-drain
3.15V
TPS35CA38IAGDDFRQ1
WD + SVS
C
1s
0
1, 2, 4
200ms
open-drain
2.9V
(1)
WD = Watchdog , SVS = Voltage Supervisor
(2)
Please refer to Section 5 for pinout information
www.ti.com
TPS3435-Q1
SLVSGF0B – OCTOBER 2022 – REVISED MARCH 2025
Copyright © 2025 Texas Instruments Incorporated
Submit Document Feedback
3
Product Folder Links: TPS3435-Q1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com