전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

HCC4034B 데이터시트(PDF) 10 Page - STMicroelectronics

부품명 HCC4034B
상세설명  INPUT/OUTPUT BUS REGISTER 8-STAGE STATIC BIDIRECTIONAL PARALLEL/SERIAL
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  STMICROELECTRONICS [STMicroelectronics]
홈페이지  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

HCC4034B 데이터시트(HTML) 10 Page - STMicroelectronics

Back Button HCC4034B Datasheet HTML 6Page - STMicroelectronics HCC4034B Datasheet HTML 7Page - STMicroelectronics HCC4034B Datasheet HTML 8Page - STMicroelectronics HCC4034B Datasheet HTML 9Page - STMicroelectronics HCC4034B Datasheet HTML 10Page - STMicroelectronics HCC4034B Datasheet HTML 11Page - STMicroelectronics HCC4034B Datasheet HTML 12Page - STMicroelectronics HCC4034B Datasheet HTML 13Page - STMicroelectronics HCC4034B Datasheet HTML 14Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 16 page
background image
SHIFT RIGHT/SHIFT LEFT WITH PARALLEL INPUTS
A ”High” (”Low”) on the Shift Left/Shift Right input
allows serial data on the Shift Left Input (Shift Right
Input) to enter the register on the positive transition
of the clock signal. A ”high” on the ”A” Enable Input
disables the ”A” parallel data lines on Reg. 1 and 2
and enables the ”A” data lines on registers 3 and 4
and allows parallel data into registers 1 and 2. Other
logic schemes may be used in place of registers 3
and 4 for parallel loading. When parallel inputs are
not used Reg. 3 and 4 and associated logic are not
required.
* Shift Left input must be disabled during parallel
entry.
N-STAGE REGISTER WITH FIXED SERIAL OUTPUT LINE
TYPICAL APPLICATIONS (continued)
HCC/HCF4034B
10/16



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16