| 전자부품 데이터시트 검색엔진 |
|
NRF51822-CEAA-R7 데이터시트(PDF) 64 Page - Nordic Semiconductor |
|
|
|||||||||||||||||||||||||||||
NRF51822-CEAA-R7 데이터시트(HTML) 64 Page - Nordic Semiconductor |
|
64 / 130 page ![]() Page 64 nRF51822 Product Specification v3.3 8.20 Watchdog Timer (WDT) specifications Table 59 Watchdog Timer specifications 8.21 Quadrature Decoder (QDEC) specifications Table 60 Quadrature Decoder specifications Symbol Description Min. Typ. Max. Units Test level IWDT Run current for watchdog timer. 0.1 μA 1 tWDT Time out interval, watchdog timer. 30 μs 36 hrs 1 Symbol Description Note Min. Typ. Max. Units Test level IQDEC 12 μA 1 tSAMPLE Time between sampling signals from Quadrature Decoder. 128 16384 μs N/A tLED Time from LED is turned on to signals are sampled. Only valid for optical sensors. 0 511 μs N/A |