| 전자부품 데이터시트 검색엔진 |
|
HCC4067 데이터시트(PDF) 7 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
HCC4067 데이터시트(HTML) 7 Page - STMicroelectronics |
|
7 / 16 page ![]() DYNAMIC ELECTRICAL CHARACTERISTICS (Tamb =25 oC, CL =50 pF, RL = 200 K Ω, typical temperature coefficent for all VDD values is 03 %/ oC, all input rise and fall times= 20 ns) Symbol Parameter Test Conditions Value Unit VC (V) RL (K Ω) fi (KHz) VI (V) VSS (V) VDD (V) Typ. Max. SWITCH tpd Propagation Delay Time (Signal Input to Output) =VDD 200 0 530 60 ns 10 15 30 15 11 20 Frequency Response Channel ”ON” (Sine Wave Input) at 20 Log VO VI =− 3 dB =VDD 15 ( •)0 10 VO at Common OUT/IN 4067B 14 ns 4097B 20 VO at Any Channel 60 Feedthrough (All Channels OFF) at 20 Log VO VI =− 40 dB =VSS 15 ( •)0 10 VO at Common OUT/IN 4067B 20 MHz 4097B 12 VO at Any Channel 8 Frequency Signal Crosstalk at 20 Log VO(B) VI(A) =−40dB VC(A)=VDD VC(B)=VSS 15 ( •)0 10 Between Any two (A and B) Channels 1 MHz Between Sections (A and B) 4097B only Measured on common 10 Measured on Any Channel 18 tW Sine Wave Distortion (fis = 1KHz sine wave) 510 1 2 ( •) 0 5 0.3 % 10 10 1 3 ( •) 0 10 0.2 15 10 1 5 ( •) 0 15 0.12 CONTROL (address or Inhibit) tPLH tPHL Propagation Delay Time: Address or Inhibit to Signal OUT (Channel Turning ON) 1 0 5 325 650 ns 0 10 135 270 0 15 95 190 tPLH tPHL Propagation Delay Time: Address or Inhibit to Signal OUT (Channel Turning OFF) 0.3 0 5 220 440 ns 0 10 90 180 0 15 65 130 Address or Inhibit to Signal Crosstalk 10* 0 10 75 mV peak ( •) Peak to peak voltage symmetrical about VDD − V SS 2 (*) Both ends of channel HCC/HCF4067B HCC/HCF4097B 7/16 |