| 전자부품 데이터시트 검색엔진 |
|
HCC4067 데이터시트(PDF) 6 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
HCC4067 데이터시트(HTML) 6 Page - STMicroelectronics |
|
6 / 16 page ![]() STATIC ELECTRICAL CHARACTERISTICS (over recommended operating conditions) Symbol Parameter Test Conditios Value Unit VIS (V) VEE (V) VSS (V) VDD (V) TLOW *25 oCTHIGH * Min. Max. Min. Typ. Max. Min. Max. IL Quiescent Supply Current HCC types 5 5 0.04 5 150 µA 10 10 0.04 10 300 15 20 0.04 20 600 20 100 0.08 100 3000 HCF types 5 20 0.04 20 150 10 40 0.04 40 300 15 80 0.04 80 600 SWITCH RON On Resistance HCC types 0 ≤ VI ≤ VDD 00 5 800 470 1050 1300 Ω 10 310 180 400 580 15 200 125 240 320 HCF types 0 ≤ VI ≤ VDD 00 5 850 470 1050 1200 10 330 180 400 520 15 210 125 240 300 ∆ON Resistance ∆RON (Between any two channels) 00 510 Ω 10 10 15 5 OFF ( •) Channel Leakage Current Any Channel OFF HCC types 0 0 18 100 ±0.1 100 1000 µA All Channel OFF (common OUT/IN) HCC types 0 0 18 100 ±0.1 100 1000 Any Channel OFF HCF types 0 0 15 300 ±0.1 300 1000 All Channel OFF (common OUT/IN) HCF types 0 0 15 300 ±0.1 300 1000 C Capacitance Input Output for 4067 Output for 4097 Feedthrough -5 5 5 55 35 0.2 pF CONTROL VIL Input Low Voltage =VDD thru 1K Ω VEE=VSS RL =1K Ω to VSS IIS <2 µA (on all OFF channels) 5 1.5 1.5 1.5 V 10 3 3 3 15 4 4 4 VIH Input High Voltage 5 3.5 3.5 3.5 V 10 7 7 7 15 11 11 11 IIH IIL Input Leackage Current HCC types VI = 0/18V 18 ±0.1 ±10-3 ±0.1 ±1 µA HCF types VI = 0/15V 15 ±0.3 ±10-3 ±0.3 ±1 CI Input Capacitance Any Address or Inhibit Input 5 7.5 pF • Determined by minimum feasible leakage measurement for automatic testing *TLOW =-55 oCfor HCC device: -40 oC for HCF device. *THIGH =+125 oCfor HCC device: +85 oC for HCF device. The Noise Margin for both ”1” and ”0” level is: 1V min. with VDD = 5 V, 2 V min. with VDD = 10 V, 2.5 V min. with VDD =15 V HCC/HCF4067B HCC/HCF4097B 6/16 |