전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

TS3USB221EDRCRG4.B 데이터시트(PDF) 15 Page - Texas Instruments

부품명 TS3USB221EDRCRG4.B
상세설명  TS3USB221E High-Speed USB 2.0 (480Mbps) 1:2 Multiplexer – Demultiplexer Switch With Single Enable and IEC Level 3 ESD Protection
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TI2 [Texas Instruments]
홈페이지  https://www.ti.com
Logo TI2 - Texas Instruments

TS3USB221EDRCRG4.B 데이터시트(HTML) 15 Page - Texas Instruments

Back Button TS3USB221EDRCRG4.B Datasheet HTML 11Page - Texas Instruments TS3USB221EDRCRG4.B Datasheet HTML 12Page - Texas Instruments TS3USB221EDRCRG4.B Datasheet HTML 13Page - Texas Instruments TS3USB221EDRCRG4.B Datasheet HTML 14Page - Texas Instruments TS3USB221EDRCRG4.B Datasheet HTML 15Page - Texas Instruments TS3USB221EDRCRG4.B Datasheet HTML 16Page - Texas Instruments TS3USB221EDRCRG4.B Datasheet HTML 17Page - Texas Instruments TS3USB221EDRCRG4.B Datasheet HTML 18Page - Texas Instruments TS3USB221EDRCRG4.B Datasheet HTML 19Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 29 page
background image
Avoid stubs on the high-speed USB signals because they cause signal reflections. If a stub is unavoidable, then
the stub should be less than 200 mm.
Route all high-speed USB signal traces over continuous planes (VCC or GND), with no interruptions.
Avoid crossing over anti-etch, commonly found with plane splits.
Due to high frequencies associated with the USB, a printed circuit board with at least four layers is
recommended; two signal layers separated by a ground and power layer as shown in Figure 7-5.
Signal 1
GND Plane
Power Plane
Signal 2
Figure 7-5. Four-Layer Board Stack-Up
The majority of signal traces should run on a single layer, preferably Signal 1. Immediately next to this layer
should be the GND plane, which is solid with no cuts. Avoid running signal traces across a split in the ground or
power plane. When running across split planes is unavoidable, sufficient decoupling must be used. Minimizing
the number of signal vias reduces EMI by reducing inductance at high frequencies. For more information on
layout guidelines, see High Speed Layout Guidelines and USB 2.0 Board Design and Layout Guidelines.
7.4.2 Layout Example
1
2
3
4
1D-
2D-
9
S
VCC
D+
OE
LEGEND
VIA to Power Plane
VIA to GND Plane
Polygonal Copper Pour
8
7
6
Bypass Capacitor
V+
5
D-
10
2D+
GND
1D+
To Microcontroller
To Microcontroller
To USB Host
USB Port 1
USB Port 2
Figure 7-6. Package Layout Diagram
www.ti.com
TS3USB221E
SCDS263E – SEPTEMBER 2009 – REVISED JULY 2024
Copyright © 2024 Texas Instruments Incorporated
Submit Document Feedback
15
Product Folder Links: TS3USB221E



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com