전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

TS3USB221EDRCRG4.B 데이터시트(PDF) 25 Page - Texas Instruments

부품명 TS3USB221EDRCRG4.B
상세설명  TS3USB221E High-Speed USB 2.0 (480Mbps) 1:2 Multiplexer – Demultiplexer Switch With Single Enable and IEC Level 3 ESD Protection
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TI2 [Texas Instruments]
홈페이지  https://www.ti.com
Logo TI2 - Texas Instruments

TS3USB221EDRCRG4.B 데이터시트(HTML) 25 Page - Texas Instruments

Back Button TS3USB221EDRCRG4.B Datasheet HTML 21Page - Texas Instruments TS3USB221EDRCRG4.B Datasheet HTML 22Page - Texas Instruments TS3USB221EDRCRG4.B Datasheet HTML 23Page - Texas Instruments TS3USB221EDRCRG4.B Datasheet HTML 24Page - Texas Instruments TS3USB221EDRCRG4.B Datasheet HTML 25Page - Texas Instruments TS3USB221EDRCRG4.B Datasheet HTML 26Page - Texas Instruments TS3USB221EDRCRG4.B Datasheet HTML 27Page - Texas Instruments TS3USB221EDRCRG4.B Datasheet HTML 28Page - Texas Instruments TS3USB221EDRCRG4.B Datasheet HTML 29Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 25 / 29 page
background image
www.ti.com
GENERIC PACKAGE VIEW
This image is a representation of the package family, actual package may vary.
Refer to the product data sheet for package details.
VSON - 1 mm max height
DRC 10
PLASTIC SMALL OUTLINE - NO LEAD
3 x 3, 0.5 mm pitch
4226193/A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com