전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

TUSB2E2211005VBWR 데이터시트(PDF) 37 Page - Texas Instruments

부품명 TUSB2E2211005VBWR
상세설명  TUSB2E221 USB 2.0-eUSB2 Dual Repeater
PDF  63 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TI2 [Texas Instruments]
홈페이지  https://www.ti.com
Logo TI2 - Texas Instruments

TUSB2E2211005VBWR 데이터시트(HTML) 37 Page - Texas Instruments

Back Button TUSB2E2211005VBWR Datasheet HTML 33Page - Texas Instruments TUSB2E2211005VBWR Datasheet HTML 34Page - Texas Instruments TUSB2E2211005VBWR Datasheet HTML 35Page - Texas Instruments TUSB2E2211005VBWR Datasheet HTML 36Page - Texas Instruments TUSB2E2211005VBWR Datasheet HTML 37Page - Texas Instruments TUSB2E2211005VBWR Datasheet HTML 38Page - Texas Instruments TUSB2E2211005VBWR Datasheet HTML 39Page - Texas Instruments TUSB2E2211005VBWR Datasheet HTML 40Page - Texas Instruments TUSB2E2211005VBWR Datasheet HTML 41Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 63 page
background image
Return to the Summary Table.
Hardware default value can be overridden through factory programmable OTP for this register.
Table 9-9. U_DISCONNECT_SQUELCH_PORT0 Register Field Descriptions
Bit
Field
Type
Reset
Default
from OTP
(Y/N)
Description
7-4
U_DISCONNECT_THR
ESHOLD_P0
RH/W
7h
Y
VHSDSC Adjustment
USB Minimum HS HOST Disconnect Threshold
(0% to +57% in approximately 3.7% steps)
Default through OTP
0h = 525mV (minimum), 0% (hw default)
1h = 545mV (minimum), +4%
2h = 565mV (minimum), +8%
3h = 585mV (minimum), +11%
4h = 605mV (minimum), +15%
5h = 625mV (minimum), +19%
6h = 645mV (minimum), +23%
7h = 665mV (minimum), +27%
8h = 685mV (minimum), +31%
9h = 705mV (minimum), +34%
Ah = 725mV (minimum), +38%
Bh = 745mV (minimum), +42%
Ch = 765mV (minimum), +46%
Dh = 785mV (minimum), +50%
Eh = 805mV (minimum), +53%
Fh = 825mV (minimum), +57%
3
RESERVED
RH/W
0h
Reserved
2-0
U_SQUELCH_THRESH
OLD_P0
RH/W
4h
Y
VHSSQ Adjustment
USB Squelch Detection Min Threshold (+30% to -15% in
approximately 6.5% steps)
Default through OTP
0h = 130mV (minimum), +30%
1h = 124mV (minimum), +24%
2h = 117mV (minimum), +17%
3h = 111mV (minimum), +11%
4h = 104mV (minimum), +4% (hw default)
5h = 98mV (minimum), -2%
6h = 91mV (minimum), -9%
7h = 85mV (minimum), -15%
9.1.8 E_HS_TX_PRE_EMPHASIS_P0 Register (Offset = 37h) [Reset = 40h]
E_HS_TX_PRE_EMPHASIS_P0 is shown in Table 9-10.
Return to the Summary Table.
Hardware default value can be overridden through factory programmable OTP for this register.
www.ti.com
TUSB2E221
SNLS757D – JUNE 2024 – REVISED OCTOBER 2025
Copyright © 2025 Texas Instruments Incorporated
Submit Document Feedback
37
Product Folder Links: TUSB2E221



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com