전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

TUSB2E2211005VBWR 데이터시트(PDF) 42 Page - Texas Instruments

부품명 TUSB2E2211005VBWR
상세설명  TUSB2E221 USB 2.0-eUSB2 Dual Repeater
PDF  63 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TI2 [Texas Instruments]
홈페이지  https://www.ti.com
Logo TI2 - Texas Instruments

TUSB2E2211005VBWR 데이터시트(HTML) 42 Page - Texas Instruments

Back Button TUSB2E2211005VBWR Datasheet HTML 38Page - Texas Instruments TUSB2E2211005VBWR Datasheet HTML 39Page - Texas Instruments TUSB2E2211005VBWR Datasheet HTML 40Page - Texas Instruments TUSB2E2211005VBWR Datasheet HTML 41Page - Texas Instruments TUSB2E2211005VBWR Datasheet HTML 42Page - Texas Instruments TUSB2E2211005VBWR Datasheet HTML 43Page - Texas Instruments TUSB2E2211005VBWR Datasheet HTML 44Page - Texas Instruments TUSB2E2211005VBWR Datasheet HTML 45Page - Texas Instruments TUSB2E2211005VBWR Datasheet HTML 46Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 42 / 63 page
background image
Table 9-16. U_TX_ADJUST_PORT1 Register Field Descriptions (continued)
Bit
Field
Type
Reset
Default
from OTP
(Y/N)
Description
5-4
U_HS_TX_SLEW_RAT
E_P1
RH/W
3h
Y
THSR adjustment
USB HS TX Slew Rate (350ps - 575ps)
Default through OTP
0h = 350ps (typical)
1h = 425ps (typical)
2h = 500ps (typical)
3h = 575ps (typical) (hw default)
3-0
U_HS_TX_AMPLITUDE
_P1
RH/W
7h
Y
VEHSOD adjustment
USB HS TX Amplitude, measured p-p
USB 2.0 spec nominal is 800mV
(-7.5% to 30% in 2.5% steps)
Default through OTP
This setting has no effect on amplitude during chirp J
(VCHIRPJ) or chirp K (VCHIRPK)
0h = 800mV - 7.5% , 740mV (typical)
1h = 800mV - 5.0% , 760mV (typical)
2h = 800mV - 2.5% , 780mV (typical)
3h = 800mV (USB 2.0 spec nominal) , 800mV (typical) (hw
default)
4h = 800mV + 2.5% , 820mV (typical)
5h = 800mV + 5.0% , 840mV (typical)
6h = 800mV + 7.5% , 860mV (typical)
7h = 800mV + 10% , 880mV (typical)
8h = 800mV + 12.5% , 900mV (typical)
9h = 800mV + 15% , 920mV (typical)
Ah = 800mV + 17.5% , 940mV (typical)
Bh = 800mV + 20% , 960mV (typical)
Ch = 800mV + 22.5% , 980mV (typical)
Dh = 800mV + 25% , 1000mV (typical)
Eh = 800mV + 27.5% , 1020mV (typical)
Fh = 800mV + 30% , 1040mV (typical)
9.1.15 U_HS_TX_PRE_EMPHASIS_P1 Register (Offset = 71h) [Reset = 39h]
U_HS_TX_PRE_EMPHASIS_P1 is shown in Table 9-17.
Return to the Summary Table.
Hardware default value can be overridden through factory programmable OTP for this register.
Table 9-17. U_HS_TX_PRE_EMPHASIS_P1 Register Field Descriptions
Bit
Field
Type
Reset
Default
from OTP
(Y/N)
Description
7
RESERVED
RH/W
0h
Reserved
6
CDP_1_EN_P1
RH/W
0h
Y
Enables CDP using method 1 on port1
Default through OTP
0h = CDP using method 1 not enabled (hw default)
1h = CDP using method 1 enabled
5-4
U_HS_TX_PE_WIDTH_
P1
RH/W
3h
Y
U2_TXPE_UI
USB HS TX Pre-emphasis Width
Default through OTP
0h = 0.35 UI (typical)
1h = 0.45 UI (typical)
2h = 0.55 UI (typical)
3h = 0.65 UI (typical) (hw default)
TUSB2E221
SNLS757D – JUNE 2024 – REVISED OCTOBER 2025
www.ti.com
42
Submit Document Feedback
Copyright © 2025 Texas Instruments Incorporated
Product Folder Links: TUSB2E221



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com