전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

CC115LRGPR.B 데이터시트(PDF) 23 Page - Texas Instruments

부품명 CC115LRGPR.B
상세설명  CC115L Value Line Transmitter
PDF  74 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TI2 [Texas Instruments]
홈페이지  https://www.ti.com
Logo TI2 - Texas Instruments

CC115LRGPR.B 데이터시트(HTML) 23 Page - Texas Instruments

Back Button CC115LRGPR.B Datasheet HTML 19Page - Texas Instruments CC115LRGPR.B Datasheet HTML 20Page - Texas Instruments CC115LRGPR.B Datasheet HTML 21Page - Texas Instruments CC115LRGPR.B Datasheet HTML 22Page - Texas Instruments CC115LRGPR.B Datasheet HTML 23Page - Texas Instruments CC115LRGPR.B Datasheet HTML 24Page - Texas Instruments CC115LRGPR.B Datasheet HTML 25Page - Texas Instruments CC115LRGPR.B Datasheet HTML 26Page - Texas Instruments CC115LRGPR.B Datasheet HTML 27Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 74 page
background image
Preamble bits
(1010...1010)
Data Field
Optional CRC-16 Calculation
8 x nbits
16 /32 bits
8
bits
8
bits
8 x n bits
16 bits
Legend:
Inserted automatically
Optional user-provided fields (the length field is
processed by the radio)
Unprocessed user data
CC115L
www.ti.com
SWRS105B – MAY 2011 – REVISED JUNE 2014
5.8
Packet Handling Hardware Support
The CC115L has built-in hardware support for packet oriented radio protocols. The packet handler can be
configured to add the following elements to the packet stored in the TX FIFO:
•
A programmable number of preamble bytes
•
A two byte synchronization (sync) word. Can be duplicated to give a 4-byte sync word. It is not
possible to only insert preamble or only insert a sync word
•
A CRC checksum computed over the data field.
•
In a system where the CC115L is transmitting packets to the CC110L, CC113L or CC1101, the
recommended setting is 4- byte preamble and 4-byte sync word, except for 500 kBaud data rate where
the recommended preamble length is 8 bytes.
NOTE
Register fields that control the packet handling features should only be altered when CC115L
is in the IDLE state.
5.8.1
Packet Format
The format of the data packet can be configured and consists of the following items (see Figure 5-6):
•
Preamble
•
Synchronization word
•
Optional length byte
•
Optional address byte
•
Payload
•
Optional 2 byte CRC
Figure 5-6. Packet Format
The preamble pattern is an alternating sequence of ones and zeros (10101010…). The minimum length of
the preamble is programmable through the value of MDMCFG1.NUM_PREAMBLE. When enabling TX,
the modulator will start transmitting the preamble. When the programmed number of preamble bytes has
been transmitted, the modulator will send the sync word and then data from the TX FIFO if data is
available. If the TX FIFO is empty, the modulator will continue to send preamble bytes until the first byte is
written to the TX FIFO. The modulator will then send the sync word and then the data bytes.
The synchronization word is a two-byte value set in the SYNC1 and SYNC0 registers. If the CC110L,
CC113L, or CC1101 are used at the receiving end, they will need the sync word for byte synchronization
of the incoming packet. The synchronization word is automatically inserted by the CC115L. A one-byte
sync word can be emulated by setting the SYNC1 value to the preamble pattern. It is also possible to
emulate a 32 bit sync word by setting MDMCFG2.SYNC_MODE to 3. The sync word will then be repeated
twice.
CC115L supports both constant packet length protocols and variable length protocols. Variable or fixed
packet length mode can be used for packets up to 255 bytes. For longer packets, infinite packet length
mode must be used.
Copyright © 2011–2014, Texas Instruments Incorporated
Detailed Description
23
Submit Documentation Feedback
Product Folder Links: CC115L



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com