전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

CC115LRGPR.B 데이터시트(PDF) 70 Page - Texas Instruments

부품명 CC115LRGPR.B
상세설명  CC115L Value Line Transmitter
PDF  74 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TI2 [Texas Instruments]
홈페이지  https://www.ti.com
Logo TI2 - Texas Instruments

CC115LRGPR.B 데이터시트(HTML) 70 Page - Texas Instruments

Back Button CC115LRGPR.B Datasheet HTML 66Page - Texas Instruments CC115LRGPR.B Datasheet HTML 67Page - Texas Instruments CC115LRGPR.B Datasheet HTML 68Page - Texas Instruments CC115LRGPR.B Datasheet HTML 69Page - Texas Instruments CC115LRGPR.B Datasheet HTML 70Page - Texas Instruments CC115LRGPR.B Datasheet HTML 71Page - Texas Instruments CC115LRGPR.B Datasheet HTML 72Page - Texas Instruments CC115LRGPR.B Datasheet HTML 73Page - Texas Instruments CC115LRGPR.B Datasheet HTML 74Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 70 / 74 page
background image
www.ti.com
GENERIC PACKAGE VIEW
Images above are just a representation of the package family, actual package may vary.
Refer to the product data sheet for package details.
VQFN - 1 mm max height
RGP 20
VERY THIN QUAD FLATPACK
4 x 4, 0.5 mm pitch
4224735/A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com