전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

LLCC68 데이터시트(PDF) 51 Page - Semtech Corporation

부품명 LLCC68
상세설명  Long Range, Low Power, sub-GHz RF Transceiver
PDF  111 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  SEMTECH [Semtech Corporation]
홈페이지  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

LLCC68 데이터시트(HTML) 51 Page - Semtech Corporation

Back Button LLCC68 Datasheet HTML 47Page - Semtech Corporation LLCC68 Datasheet HTML 48Page - Semtech Corporation LLCC68 Datasheet HTML 49Page - Semtech Corporation LLCC68 Datasheet HTML 50Page - Semtech Corporation LLCC68 Datasheet HTML 51Page - Semtech Corporation LLCC68 Datasheet HTML 52Page - Semtech Corporation LLCC68 Datasheet HTML 53Page - Semtech Corporation LLCC68 Datasheet HTML 54Page - Semtech Corporation LLCC68 Datasheet HTML 55Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 51 / 111 page
background image
LLCC68
Data Sheet
Rev. 1.1
DS.LLCC68.W.APP
Dec 2024
51 of 111
Semtech
LLCC68
www.semtech.com
The following table gives the value of TSWMode for all possible transitions. The switching time is defined as the time between the rising edge
of the NSS ending the SPI transaction and the falling edge of BUSY.
Table 8-2: Switching Time
Transition
TSWMode Typical Value [s]
SLEEP to STBY_RC cold start (no data retention)
3500
SLEEP to STBY_RC warm start (with data retention)
340
STBY_RC to STBY_XOSC
31
STBY_RC to FS
50
STBY_RC to RX
83
STBY_RC to TX
126
STBY_XOSC to FS
40
STBY_XOSC to TX
105
STBY_XOSC to RX
62
FS to RX
41
FS to TX
76
RX to FS
15
RX to TX
92



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More