전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

HT15L150 데이터시트(PDF) 1 Page - Guangdong Huixin Electronic Technology Co., Ltd.

부품명 HT15L150
상세설명  15.0Amp Surface Mounted Schottky Barrier Rectifier
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  HUIXIN [Guangdong Huixin Electronic Technology Co., Ltd.]
홈페이지  http://www.hxkj.hk
Logo HUIXIN - Guangdong Huixin Electronic Technology Co., Ltd.

HT15L150 데이터시트(HTML) 1 Page - Guangdong Huixin Electronic Technology Co., Ltd.

  HT15L150 Datasheet HTML 1Page - Guangdong Huixin Electronic Technology Co., Ltd. HT15L150 Datasheet HTML 2Page - Guangdong Huixin Electronic Technology Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Maximum repetitive peak reverse voltage
Single phase half-wave 60Hz,resistive or inductive load,
V
V
V
SYMBOLS
UNITS
A
A
VRRM
VRMS
VDC
I(AV)
IFSM
15.0
250.0
Operating junction temperature range
Maximum RMS voltage
Maximum DC blocking voltage
Maximum average forward rectified current
at TL=100 C
Peak forward surge current, 8.3ms single half
sine-wave superimposed on rated load
RqJA
TJ
60.0
C
Typical thermal resistance
C/W
Ratings at 25 C ambient temperature unless otherwise specified.
HT15L150
150
105
150
Case : Molded plastic body
Terminals : Solder plated, solderable per MIL-STD-750,
Method 2026
Polarity : Polarity symbol marking on body
Mounting Position : Any
for capacitive load current derate by 20%.
Features
The plastic package carries Underwriters Laboratory
Flammability Classification 94V-0
For surface mounted applications
Built-in strain relief,ideal for automated placement
Low reverse leakage
High forward surge current capability
High temperature soldering guaranteed
2
60 C/10 seconds at terminals
Mechanical Data
Maximum Ratings
and Electrical Characteristics
Parameter
-55 to +150
Storage temperature range
TSTG
C
TO-277B
Dimensions in inches and (millimeters)
1.0
15.0Amp Surface Mounted Schottky Barrier Rectifier
HT15L150
Electrical Characteristics
0.
05
m A
0.60
MARKING:T15L150
----
Maximum instantaneous
forward voltage
TJ=25℃
Parameter
SYMBOLS
.
Max.
UNITS
V
VF
VF
V
IR
5
Maximum DC reverse current
at rated DC blocking voltage
J =25 C
J =100 C
T
T
Test Conditions
at IF=
2A
at IF=
5A
0.66
----
V
at IF=
15A
TJ=25℃
0.83
TJ=100℃
----
0.
75
----
----
0.039(1.00)
0.031(0.80)
0.043(1.10)
0.033(0.85)
0.026(0.65)
0.017(0.45)
0.076(1.95)
0.065(1.65)
0.288(5.8)
0.209(5.3)
0.169(4.3)
0.150(3.8)
0.151(3.85)
0.128(3.25)
0.075(1.9)
0.067(1.7)
0.018(0.45)
0.008(0.20)
0.260(6.6)
0.252(6.4)
0.047(1.2)
0.039(1.0)
-55 to +150
0.8
8
V


유사한 부품 번호 - HT15L150

제조업체부품명데이터시트상세설명
logo
Taiwan Semiconductor Co...
HT15 TSC-HT15 Datasheet
62Kb / 2P
1.0 AMP. High Efficient Rectifiers
HT15 TSC-HT15 Datasheet
272Kb / 2P
1.0 AMP. High Efficient Rectifiers
HT15 TSC-HT15 Datasheet
549Kb / 2P
1.0 AMP. High Efficient Rectifiers
HT15 TSC-HT15 Datasheet
376Kb / 4P
High Efficient Rectifiers
logo
MPS Industries, Inc.
HT1500 MPSIND-HT1500 Datasheet
381Kb / 2P
HELICAL EDGE WOUND TOROID INDUCTOR
More results

유사한 설명 - HT15L150

제조업체부품명데이터시트상세설명
logo
List of Unclassifed Man...
FSS12 ETC-FSS12 Datasheet
43Kb / 2P
1 Amp. Surface Mounted Schottky Barrier Rectifier
FSS22 ETC1-FSS22 Datasheet
48Kb / 3P
2 Amp. Surface Mounted Schottky Barrier Rectifier
FSS32 ETC1-FSS32 Datasheet
48Kb / 2P
3 Amp. Surface Mounted Schottky Barrier Rectifier
logo
Shenzhen Luguang Electr...
MBR1535CT LUGUANG-MBR1535CT Datasheet
267Kb / 2P
15.0AMP. Schottky Barrier Rectifiers
logo
Kersemi Electronic Co.,...
MBR15150CT KERSEMI-MBR15150CT Datasheet
1,003Kb / 2P
15.0AMP. Schottky Barrier Rectifiers
logo
Shanghai Leiditech Elec...
SS1520 LEIDITECH-SS1520 Datasheet
2Mb / 3P
15.0Amp Surfacs Mounted Schottky Barrier Rectifiers
SL1540 LEIDITECH-SL1540 Datasheet
2Mb / 3P
15.0Amp Surfacs Mounted Schottky Barrier Rectifiers
DSK23L LEIDITECH-DSK23L Datasheet
490Kb / 2P
Surface Mounted Schottky Barrier Rectifiers
DSS24 LEIDITECH-DSS24 Datasheet
621Kb / 2P
Surface Mounted Schottky Barrier Rectifiers
SS14F LEIDITECH-SS14F Datasheet
805Kb / 2P
Surface Mounted Schottky Barrier Rectifiers
More results


Html Pages

1 2


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com