전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

HT15L150 데이터시트(PDF) 2 Page - Guangdong Huixin Electronic Technology Co., Ltd.

부품명 HT15L150
상세설명  15.0Amp Surface Mounted Schottky Barrier Rectifier
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  HUIXIN [Guangdong Huixin Electronic Technology Co., Ltd.]
홈페이지  http://www.hxkj.hk
Logo HUIXIN - Guangdong Huixin Electronic Technology Co., Ltd.

HT15L150 데이터시트(HTML) 2 Page - Guangdong Huixin Electronic Technology Co., Ltd.

  HT15L150 Datasheet HTML 1Page - Guangdong Huixin Electronic Technology Co., Ltd. HT15L150 Datasheet HTML 2Page - Guangdong Huixin Electronic Technology Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
15.0Amp Surface Mounted Schottky Barrier Rectifier
Ratings
and Characteristic Curves
1.0
HT15L150
0
20
40
60
80
100
FIG. 4-TYPICAL REVERSE LEAKAGE CHARACTERISTICS
PERCENT OF PEAK REVERSE VOLTAGE,%
100
10
1
0.1
0.01
0.001
TJ=100 C
TJ=25 C
350
300
250
200
150
100
50
0
Number of cycles
FIG. 2-MAXIMUM NON-REPETITIVE PEAK FORWARD
SURGE CURRENT PERLEG
FIG. 1- DERATING CURVE OUTPUT RECTIFIED CURRENT
1
100
Lead Temperature
10
1Cycle
f=60Hz
24.0
21.0
18.0
15.0
12.0
9.0
6.0
3.0
0.0
0
20
40
60
80
100
120
140
160
FIG. 3-TYPICAL FORWARD VOLTAGE CHARACTERISTICS
INSTANTANEOUS FORWARD VOLTAGE,
VOLTS
500
100
10
1
0.1
TJ=25 C
0.4
0.5
0.6
0.7
0.8
0.9
1.0
1.1
1.2
TJ=100 C



Html Pages

1 2


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com