| 전자부품 데이터시트 검색엔진 |
|
L3000SX-VM 데이터시트(PDF) 19 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
L3000SX-VM 데이터시트(HTML) 19 Page - STMicroelectronics |
|
19 / 29 page ![]() ELECTRICAL CHARACTERISTICS (continued) Symbol Parameter Test Conditions Min. Typ. Max. Unit AC OPERATION (continued) Grl Receiving Gain Linearity fr = 1020Hz, Vriref = – 10dBm Vri = + 4 /– 40dBm – 0.1 + 0.1 dB Np4W Psophometric Noise at 4W-Tx Terminals – 75 – 70 dBmp Np2W Psophometric Noise at Line Terminals – 75 – 70 dBmp SVRR Supply Voltage Rejection Ratio Relative to VB– f = 3400Hz – 30 dB SVRR Relative to VDD f = 3400Hz Vs = 100mVrms – 30 – 26 dB SVRR Relative to VSS – 32 – 30 dB Ltc Longitudinal to Transversal Conversion f = 300 to 3400Hz Iline = 30mA, ZML = 600 Ω 49 (1) 60 dB Tlc Transversal to Longitudinal Conversion 48 51 dB Td Propagation Time Both Direction 40 µs Tdd Propag. Time Distortion 25 µs Vttx Line Voltage of Teletaxe Signal VTTXin = 950mVrms Note 2 Note 3 1.7 4.5 2.3 5.5 V V THD Teletaxe Signal Harmonic Dist. ttx Filt = 0 Ω @ 16kHz Note 4 5% Zitt Teletaxe Amplif. Input Impedance Pin 33 of L3030 100 k Ω AC OPERATION BOOST BATTERY Gs Sending Gain Vso = 0dBm f = 1020Hz Norm. Polarity – 0.66 – 0.16 + 0.34 dB Gr Receiving Gain Vri = 0dBm f = 1020Hz Norm. Polarity – 0.27 + 0.08 + 0.43 dB Np4W Psophometric Noise at 4W-Tx Terminals – 73 – 68 dBmp Np2W Psophometric Noise at line Terminals – 73 – 68 dB SVRR Relative to Vdd f = 3400Hz Vs = 100mVrms –23 dB SVRR Relative to Vss –23 dB RINGING PHASE Vlr Superimposed DC Voltage Rloop > 100k Ω Rloop = 1k Ω 19 17 23 21 27 25 V V Vacr Ringing Signal at Line Termin. Rloop = 1k Ω/1µF 56 Vrms If DC Off-hook Det. Threshold 1.5 3.5 mA Ilim Current Limit. 85 130 mA Vrs Ringing Simmetry 2 Vrms THDr Ringing Signal Distortion VAC = 0.285VRMS fRING = 30Hz 5% No tes : 1. Up to 52dB using selected L3000S. 2. The configurat io n of data sent t o devi ce change, every 100mS, from - 1100X010 - to - 1000X010 - 3. The configurat io n of data sent t o devi ce change, every 100mS, from - 1101X010 - to - 1001X010 - 4. Error generated by t tx fil t ≠ 0 ohm, on the output teletax amplitude is err% = 100 x (1 + A) x B/C where A = 10 Kohm/R GTT X[ Kohm], B = TT XF ILT[Kohm], C = ( TTXF ILT[Kohm] + 1 Kohm), for example 10 ohm means err% = 2 %. L3000S - L3030 19/29 |