| 전자부품 데이터시트 검색엔진 |
|
L3000SX-VM 데이터시트(PDF) 20 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
L3000SX-VM 데이터시트(HTML) 20 Page - STMicroelectronics |
|
20 / 29 page ![]() ELECTRICAL CHARACTERISTICS (continued) Symbol Parameter Test Conditions Min. Typ. Max. Unit RINGING PHASE Zir Ringing Amplif. Input Impedance Pin 41 of L3030 100 k Ω Vrr Residual of Ringing Signal at TX Output 600 mV Trt Ring Trip Detection Time fring = 16Hz T = 1/fring (1T) 125 (2T) ms Toh Off-hook Status Delay after the Ringing Stop 125 (2T) ms Trs Cut off of Ringing Ring Trip not Confirmed 188 (3T) ms SUPPLY CURRENT IDD Positive Supply Current CS = 1 Stand-by Conversation (NB/BB) Ringing 16.0 26.0 16.5 20.0 31.0 21.0 mA mA mA ISS Negative Supply Current CS = 1 Stand-by Conversation (NB/BB) Ringing 9 19 9 12 23 12 mA mA mA IBAT– Negative Battery Supply Current Line Current = 0mA Stand-by Conversation NB Conversation BB Ringing 2 5 6.6 14 2.5 6.5 8.0 17 mA mA mA mA IBAT+ Positive Battery Supply Current Line Current = 0mA Stand by Conversation NB Conversation BB Ringing 10 10 8 12 15 15 10 13.5 µA µA mA mA NB = Normal Batter y BB = Boosted Bat tery Figure 12 : Slic Test Circuit Schematic. L3000S L3000S - L3030 20/29 |