전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

1359613 데이터시트(PDF) 3 Page - PHOENIX CONTACT

부품명 1359613
상세설명  TRIO3-UPS/1AC/24DC/5 - Uninterruptible power supply
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  PHOENIX [PHOENIX CONTACT]
홈페이지  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

1359613 데이터시트(HTML) 3 Page - PHOENIX CONTACT

  1359613 Datasheet HTML 1Page - PHOENIX CONTACT 1359613 Datasheet HTML 2Page - PHOENIX CONTACT 1359613 Datasheet HTML 3Page - PHOENIX CONTACT 1359613 Datasheet HTML 4Page - PHOENIX CONTACT 1359613 Datasheet HTML 5Page - PHOENIX CONTACT 1359613 Datasheet HTML 6Page - PHOENIX CONTACT 1359613 Datasheet HTML 7Page - PHOENIX CONTACT 1359613 Datasheet HTML 8Page - PHOENIX CONTACT 1359613 Datasheet HTML 9Page - PHOENIX CONTACT Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 17 page
background image
Output voltage
24 V DC
24 V DC ... 28 V DC (>24 V, performance-limited)
Output voltage range
max. 120 W
Output current IN
5 A
Dynamic BOOST (IDyn.Boost)
7.5 A (5 s)
Output power (PN)
120 W
Output power (PDyn. Boost)
180 W (5 s)
≤ 6 W (120 V AC)
Maximum no-load power dissipation
≤ 6 W (230 V AC)
≤ 10 W (120 V AC)
Power loss nominal load max.
≤ 10 W (230 V AC)
Battery operation
Output voltage
UBAT -0.1 V DC
Output voltage range
19.2 V DC ... 32 V DC
Output current IN
5 A
Dynamic BOOST IDyn.Boost (IDyn.Boost)
7.5 A (5 s)
Output power PN
120 W
Output power PDyn. Boost
180 W (5 s)
Output power POUT (UN, IOUT = Idyn.Boost)
180 W (5 s)
≤ 1.5 W (120 V AC)
Maximum no-load power dissipation
≤ 1.5 W (230 V AC)
≤ 2 W (120 V AC)
Power loss nominal load max.
≤ 2 W (230 V AC)
Energy storage
Nominal voltage UN
24 V DC
Charging voltage
max. 32 V DC
Charging current (Preset)
1 A
Charging current (Configurable)
0.2 A ... 3 A (-25 °C ... 55 °C 5K)
Charging current (Reduced)
3 A ... 2.25 A (55°C ... 65°C  5K)
Charging current (max.)
3 A
Nominal capacity range
1.2 Ah ... 40 Ah
Battery technology
VRLA-AGM
Charge characteristic curve
IU0U
Connection data
Input
Position
1.x
Connection technology
Position marking
1.1 (L/+), 1.2 (N/-), 1.3 ()
Conductor connection
Connection method
Push-in connection
TRIO3-UPS/1AC/24DC/5 - Uninterruptible power
supply
1359613
https://www.phoenixcontact.com/us/products/1359613
Dec 26, 2025, 12:19AM
Page 3 (17)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com