전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

1359613 데이터시트(PDF) 13 Page - PHOENIX CONTACT

부품명 1359613
상세설명  TRIO3-UPS/1AC/24DC/5 - Uninterruptible power supply
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  PHOENIX [PHOENIX CONTACT]
홈페이지  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

1359613 데이터시트(HTML) 13 Page - PHOENIX CONTACT

Back Button 1359613 Datasheet HTML 9Page - PHOENIX CONTACT 1359613 Datasheet HTML 10Page - PHOENIX CONTACT 1359613 Datasheet HTML 11Page - PHOENIX CONTACT 1359613 Datasheet HTML 12Page - PHOENIX CONTACT 1359613 Datasheet HTML 13Page - PHOENIX CONTACT 1359613 Datasheet HTML 14Page - PHOENIX CONTACT 1359613 Datasheet HTML 15Page - PHOENIX CONTACT 1359613 Datasheet HTML 16Page - PHOENIX CONTACT 1359613 Datasheet HTML 17Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 13 / 17 page
background image
Block diagram
L
DC OK
Temp.-Sensor
Bat.-Start
Remote
Ready
Alarm
+
-
4.1
Bat.-Service
Bat.-Mode
-
+
3.7
Active
PFC
3.6
3.5
3.4
3.3
3.2
3.1
=
=
1.1
1.2
1.3
+
- 4.2
2.1
2.2
2.3
2.4
N
PE
3.9 3.8
C
Block diagram
Graphic
Load
Current
Buffertime
Minutes
Hours
1
2
3
5
7
8
9
10 20 30
45 50
1
2
3
5
8
10
1 A
2 A
3 A
5 A
7 A
10 A
40
The data is based on an ambient temperature of +25 °C at the start of use.
1394729 TRIO-BAT/PB/24DC/1.2AH
1394730 TRIO-BAT/PB/24DC/4AH
1384031 TRIO-BAT/PB/24DC/7AH
1394727 TRIO-BAT/PB/24DC/12AH
Buffer times for TRIO DC UPS for TRIO battery modules
TRIO3-UPS/1AC/24DC/5 - Uninterruptible power
supply
1359613
https://www.phoenixcontact.com/us/products/1359613
Dec 26, 2025, 12:19AM
Page 13 (17)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com