| 전자부품 데이터시트 검색엔진 |
|
AX99100QI 데이터시트(PDF) 14 Page - ASIX Electronics Corporation |
|
|
|||||||||||||||||||||||||||||
AX99100QI 데이터시트(HTML) 14 Page - ASIX Electronics Corporation |
|
14 / 70 page ![]() 14 Copyright © 2016 ASIX Electronics Corporation. All rights reserved. AX99100 PCIe to Multi I/O Controller 1.4.4 Serial Port with GPIO enabled Table 1-7: Serial Interface for GPIO Enabled Pin Description Enable Serial Port for GPIO mode Pin Name Type Pin No Pin Description TXD1 TXD2 TXD3 TXD4 O5/4m 9 68 50 42 Transmit data output to transceiver or IrDA data output to IR LED SP1_GPIO0 SP2_GPIO0 SP3_GPIO0 SP4_GPIO0 B5/CU/4m 8 67 49 41 Serial Port GPIO SP1_GPIO1 SP2_GPIO1 SP3_GPIO1 SP4_GPIO1 B5/CU/4m 7 66 48 40 Serial Port GPIO RXD1 RXD2 RXD3 RXD4 O5/PU/4m 5 65 47 38 Serial receives data input from transceiver or IrDA data input from IrDA detector. SP1_GPIO5 SP2_GPIO5 SP3_GPIO5 SP4_GPIO5 B5/CU/4m 3 64 46 34 Serial Port GPIO SP1_GPIO3 SP2_GPIO3 SP3_GPIO3 SP4_GPIO3 B5/CU/4m 4 63 45 33 Serial Port GPIO SP1_GPIO4 SP2_GPIO4 SP3_GPIO4 SP4_GPIO4 B5/CU/4m 2 62 44 32 Serial Port GPIO SP1_GPIO2 SP2_GPIO2 SP3_GPIO2 SP4_GPIO2 B5/CU/4m 1 61 43 31 Serial Port GPIO Note: Above Serial Port GPIO function are valid when Software enabled the GPIO function by register setting in each functions. |