전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

PLB06F7050/AA 데이터시트(PDF) 14 Page - Positronic.

부품명 PLB06F7050/AA
상세설명  VERSATILE, HIGH-CURRENT, MIXED DENSITY
PDF  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  POSITRONIC [Positronic.]
홈페이지  https://www.connectpositronic.com/en/
Logo POSITRONIC - Positronic.

PLB06F7050/AA 데이터시트(HTML) 14 Page - Positronic.

Back Button PLB06F7050/AA Datasheet HTML 10Page - Positronic. PLB06F7050/AA Datasheet HTML 11Page - Positronic. PLB06F7050/AA Datasheet HTML 12Page - Positronic. PLB06F7050/AA Datasheet HTML 13Page - Positronic. PLB06F7050/AA Datasheet HTML 14Page - Positronic. PLB06F7050/AA Datasheet HTML 15Page - Positronic. PLB06F7050/AA Datasheet HTML 16Page - Positronic. PLB06F7050/AA Datasheet HTML 17Page - Positronic. PLB06F7050/AA Datasheet HTML 18Page - Positronic. Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 72 page
background image
Power
Connection
Systems
Positronic
connectpositronic.com
8
DIMENSIONS ARE IN INCHES [MILLIMETERS].
ALL DIMENSIONS ARE SUBJECT TO CHANGE.
TECHNICAL INFORMATION
MATERIALS AND FINISHES:
Insulator:
Glass-filled polyester, UL 94V-0.
Contact technical sales for availability of high
temperature insulator material.
Contacts:
Precision machined copper alloy with gold
flash over nickel, or 0.000030 inch [0.76µ]
gold over nickel, or 0.000050 [1.27µ] gold
over nickel.
Solder coated terminations
optional.
Mounting Clip:
Beryllium copper with nickel plate.
Hood:
Glass filled polyester, UL 94V-0.
Mounting Bracket:
Brass with tin plate.
Push-on Fastener:
Spring tempered copper alloy, tin plate
ELECTRICAL CHARACTERISTICS:
CONTACT CURRENT RATING:
Standard Contact Material:
See page 9 for detail information.
High Conductivity
Contact Material:
See page 9 for detail information.
INITIAL CONTACT RESISTANCE:
Standard Contact Material:
0.0016 ohms max. per IEC 60512-2, test 2b.
High Conductivity
Contact Material:
0.0007 ohms max. per IEC 60512-2, test 2b.
Insulation Resistance:
5 G ohms per IEC 60512-2, test 3a, method A.
Voltage Proof:
2000 V rms per IEC 60512-2, test 4a, method C.
Creepage Distance:
0.157 inch [4 mm] minimum.
Clearance Distance:
0.125 inch [3.2 mm] minimum.
Working Voltage:
Designed to meet UL 600 VAC and
CSA 600 VAC.
Working Temperature:
-55°C to +125°C
Contact technical sales for availability of high
temperature insulator material.
ELECTRICAL CHARACTERISTICS OF COMPLIANT
PRESS-IN CONNECTION TO PLATED-THROUGH-HOLE
OF PRINTED BOARD:
0.064 inch [1.63mm] diameter hole of a 0.125
inch [3.2mm] thick printed board
Initial Contact Resistance
of Connection:
Less than 1.0 milliohms per IEC 60512-2,
test 2a.
Change in Contact
Resistance of Connection
After Mechanical, Electrical
or Climactic Conditioning:
Less than 0.5 milliohms increase per IEC
60512-2, test 2a.
Gas Tight Connections
Test:
Less than 0.2 milliohms increase in contact
resistance after 1 hour per EIA 364, TP36,
Method One.
SHIELDED CONTACT TECHNICAL
CHARACTERISTICS:
See page 47.
MECHANICAL CHARACTERISTICS:
Removable Contacts:
Insert contact to rear face of insulator, release
from front face of insulator. Size 16, 0.0625
inch [1.588 mm] diameter male contact.
Female contact “closed entry” design for
highest reliability.
Removable Contact Retention
in Insulator:
15 lbs. [67N] per IEC 60512-8, test 15a.
Fixed Contacts:
Solder cup and printed board terminations.
Size 16, 0.0625 inch [1.588 mm] diameter
male contact. Female contact has “closed
entry” design for highest reliability.
Fixed Contact Retention
in Insulator:
6 lbs. [26N].
Resistance to Solder
Iron Heat:
500˚F [260°C] for 10 seconds duration per IEC
60512-6, test 12e, 25 watt soldering iron.
Contact Terminations:
Crimp or solder removable contacts from wire
sizes 12 AWG [4.0 mm2] through 24 AWG [0.25
mm2]. Straight and Right Angle (90°) solder
printed board mount, 0.0625 inch [1.588 mm]
tail diameter. Compliant termination press-in.
Fixed contact solder cup termination, 18 AWG
[1.0 mm2] maximum.
Contact Insertion and
Withdrawal Forces:
8 oz. [2.2N] nominal per contact.
Connection Systems:
Connector provides cable to cable, cable
to printed board, cable to panel mount and
printed board to printed board application.
Sequential Mating System:
Cable and printed board mount connectors.
Male contacts provide as many as three mating
lengths.
Locking System:
Insulators provide locking between cable to
cable, cable to printed board and cable to
panel mount applications.
Polarizations:
Provided in insulator design. Further polar-
ization in cable connectors can be provided
by mixing male contacts in female insulators
and female contacts in male insulators.
Mounting to Printed Board:
Rapid installation push-on fasteners.
Self-tapping screws for compliant connectors.
Mechanical Operations:
500 operations per IEC 60512-5.
MECHANICAL CHARACTERISTICS OF COMPLIANT
PRESS-IN CONNECTORS:
Press-in Contact Bi-Spring
Construction, Compliant
Termination:
0.0695 inch [1.77mm] diameter with 0.050
inch [1.27mm] lead-in diameter. Offered with
two termination lengths.
Contact Retention in
Insulator and 0.125 inch
[3.2mm] thick printed board: 5 lbs. [22N] minimum combined retention
forces per MIL-STD-2166, Type III compliant
contact classification, after third repair-
replacement of contact in insulator and
plated-through-hole, 0.064 inch [1.63mm]
diameter in a 0.125 inch [3.2mm] thick print-
ed board.
Vibration:
No electrical discontinuity of 1µ second
or greater when tested per MIL-STD-1344,
Method 2005, Test conditioning.
Initial Press-In Force
of Individual Contact
into Plated-Through-Hole:
10 lbs. [44N] average when pushed into a
0.064 inch [1.63mm] Ø hole in a 0.125 inch
[3.2mm] thick printed board.
Initial Push-Out Force of
Individual Contact into
Plated-Through-Hole:
8.5 lbs. [38N] average when pushed out of an
0.064 inch [1.63mm] Ø hole in a 0.125 inch
[3.2mm] thick printed board.
TECHNICAL CHARACTERISTICS
CUL Recognized*
File # E49351
*Note: CUL recognizes all sizes, except PLB20, consult Technical
Sales for status.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com