전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

PLB06F7050/AA 데이터시트(PDF) 42 Page - Positronic.

부품명 PLB06F7050/AA
상세설명  VERSATILE, HIGH-CURRENT, MIXED DENSITY
PDF  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  POSITRONIC [Positronic.]
홈페이지  https://www.connectpositronic.com/en/
Logo POSITRONIC - Positronic.

PLB06F7050/AA 데이터시트(HTML) 42 Page - Positronic.

Back Button PLB06F7050/AA Datasheet HTML 38Page - Positronic. PLB06F7050/AA Datasheet HTML 39Page - Positronic. PLB06F7050/AA Datasheet HTML 40Page - Positronic. PLB06F7050/AA Datasheet HTML 41Page - Positronic. PLB06F7050/AA Datasheet HTML 42Page - Positronic. PLB06F7050/AA Datasheet HTML 43Page - Positronic. PLB06F7050/AA Datasheet HTML 44Page - Positronic. PLB06F7050/AA Datasheet HTML 45Page - Positronic. PLB06F7050/AA Datasheet HTML 46Page - Positronic. Next Button
Zoom Inzoom in Zoom Outzoom out
 42 / 72 page
background image
Power
Connection
Systems
Positronic
connectpositronic.com
36
DIMENSIONS ARE IN INCHES [MILLIMETERS].
ALL DIMENSIONS ARE SUBJECT TO CHANGE.
1.324±0.020
[33.63±0.51]
0.606 [15.39]
0.275 [6.99]
0.159 [4.04]
0.275 [6.99]
0.159 [4.04]
0.146 [3.71]
Ø0.090 [2.29]
1.324±0.020
[33.63±0.51]
0.600 [15.24]
0.600 [15.24]
1.080 [27.43]
0.060 [1.52]
0.159 [4.04]
0.276 [7.01] Typ.
0.540 [13.72]
2X Mounting holes
0.606 [15.39]
Ø0.090 [2.29]
0.146 [3.71]
3X Contacts holes
RIGHT ANGLE (90°) PRINTED BOARD MOUNT CONNECTOR
CODE 4, 0.146 [3.71] CONTACT EXTENSION
FEMALE
MALE
CONTACT HOLE PATTERN
RIGHT ANGLE (90°) ANGLE PRINTED BOARD MOUNT CONNECTORS
Part Number:
PLB3W3M4BN0A1
Part Number:
PLB3W3F4BN0A1
SUGGESTED PRINTED BOARD HOLE SIZES:
Suggest Ø 0.114 [2.90] finished holes in printed board for right
angle (90°) solder printed board mount contacts.
Suggest Ø 0.123±0.003 [3.15±0.08] holes in printed board for
mounting connector with push-on fasteners.
RIGHT ANGLE (90°) SOLDER PRINTED BOARD
CONNECTOR AND CONTACT HOLE PATTERN



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com