전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

LES 데이터시트(PDF) 14 Page - LEM

부품명 LES
상세설명  Current Transducer LES series
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  LEM [LEM]
홈페이지  http://www.lem.co.jp/HQ/en
Logo LEM - LEM

LES 데이터시트(HTML) 14 Page - LEM

Back Button LES Datasheet HTML 10Page - LEM LES Datasheet HTML 11Page - LEM LES Datasheet HTML 12Page - LEM LES Datasheet HTML 13Page - LEM LES Datasheet HTML 14Page - LEM LES Datasheet HTML 15Page - LEM LES Datasheet HTML 16Page - LEM LES Datasheet HTML 17Page - LEM LES Datasheet HTML 18Page - LEM  
Zoom Inzoom in Zoom Outzoom out
 14 / 18 page
background image
Page 14/18
11July2018/Version 1
LEM reserves the right to carry out modifications on its transducers, in order to improve them, without prior notice
www.lem.com
LES series
Overall accuracy
The overall accuracy at 25 °C X
G is the error in the −I
P N … +IP N
range, relative to the rated value I
P N.
It includes:
● the electrical offset V
O E
● the sensitivity error ε
G
● the linearity error ε
L (to IP N)
Response and reaction times
The response time t
r and the reaction time tra are shown in figure
28.
Both depend on the primary current di/dt. They are measured at
nominal ampere-turns.
Figure 28: Response time t
r and reaction time tra
Electrical offset
The electrical offset voltage V
O E can either be measured when
the ferro-magnetic parts of the transducer are:
● Completely demagnetized, which is difficult to realize,
● or in a known magnetization state, like in the current cycle
shown in figure 26.
Using the current cycle shown in figure 26, the electrical offset
is:
The temperature variation V
O T of the electrical offset voltage
V
O E is the variation of the electrical offset from 25 °C to the
considered temperature:
Note: the transducer has to be demagnetized prior to
the application of the current cycle (for example with a
demagnetization tunnel).
Figure 27: Test connection
Performance parameters definition
tra
V
out
t
r
90 %
10 %
t
100 %
I
P
I
2
V
out (t1) + Vout (t2)
V
O E =
V
O T (T) = VO E (T) − VO E (25° C)
2
V
out (t1) + Vout (t2)
V
O E =
V
O T (T) = VO E (T) − VO E (25° C)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com