| 전자부품 데이터시트 검색엔진 |
|
STM32L433CBY7P 데이터시트(PDF) 70 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STM32L433CBY7P 데이터시트(HTML) 70 Page - STMicroelectronics |
|
70 / 227 page ![]() Pinouts and pin description STM32L433xx 70/227 DS11449 Rev 7 30 30 D2 D1 42 42 C7 68 D10 PA9 I/O FT_fl - TIM1_CH2, I2C1_SCL, USART1_TX, LCD_COM1, SAI1_FS_A, TIM15_BKIN, EVENTOUT - 31 31 C2 D2 43 43 C6 69 C12 PA10 I/O FT_fl - TIM1_CH3, I2C1_SDA, USART1_RX, USB_CRS_SYNC, LCD_COM2, SAI1_SD_A, EVENTOUT - 32 32 C1 D3 44 44 C8 70 B12 PA11 I/O FT_u - TIM1_CH4, TIM1_BKIN2, SPI1_MISO, COMP1_OUT, USART1_CTS, CAN1_RX, USB_DM, TIM1_BKIN2_ COMP1, EVENTOUT - 33 33 C3 C1 45 45 B8 71 A12 PA12 I/O FT_u - TIM1_ETR, SPI1_MOSI, USART1_RTS_DE, CAN1_TX, USB_DP, EVENTOUT - 34 34 B2 C2 46 46 A8 72 A11 PA13 (JTMS- SWDIO) I/O FT (3) JTMS-SWDIO, IR_OUT, USB_NOE, SWPMI1_TX, SAI1_SD_B, EVENTOUT - 35 35 B1 B1 47 47 D5 - - VSS S - - - - 36 36 A1 A1 48 48 E5 73 C11 VDD USB S- - - - - - - - - - - 74 F11 VSS S - - - - -- - - - - - 75 G11 VDD S - - - - 37 37 A2 B2 49 49 A7 76 A10 PA14 (JTCK- SWCLK) I/O FT (3) JTCK-SWCLK, LPTIM1_OUT, I2C1_SMBA, SWPMI1_RX, SAI1_FS_B, EVENTOUT - Table 15. STM32L433xx pin definitions (continued) Pin Number Pin functions Alternate functions Additional functions |