| 전자부품 데이터시트 검색엔진 |
|
STM32L433CBY7P 데이터시트(PDF) 25 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STM32L433CBY7P 데이터시트(HTML) 25 Page - STMicroelectronics |
|
25 / 227 page ![]() Stop 1 LPR No Off ON LSE LSI BOR, PVD, PVM RTC, LCD, IWDG COMPx (x=1,2) DAC1 OPAMPx (x=1) USARTx (x=1...3)(9) LPUART1(9) I2Cx (x=1...3)(10) LPTIMx (x=1,2) *** All other peripherals are frozen. Reset pin, all I/Os BOR, PVD, PVM RTC, LCD, IWDG COMPx (x=1..2) USARTx (x=1...3)(9) LPUART1(9) I2Cx (x=1...3)(10) LPTIMx (x=1,2) USB_FS(11) SWPMI1(12) 4.34 µA w/o RTC 4.63 µA w RTC 6.3 µs in SRAM 7.8 µs in flash Stop 2 LPR No Off ON LSE LSI BOR, PVD, PVM RTC, LCD, IWDG COMPx (x=1..2) I2C3(10) LPUART1(9) LPTIM1 *** All other peripherals are frozen. Reset pin, all I/Os BOR, PVD, PVM RTC, LCD, IWDG COMPx (x=1..2) I2C3(10) LPUART1(9) LPTIM1 1.3 µA w/o RTC 1.4 µA w/RTC 6.8 µs in SRAM 8.2 µs in flash Table 4. STM32L433xx modes overview (continued) Mode Regulator(1) CPU Flash SRAM Clocks DMA and Peripherals(2) Wakeup source Consumption(3) Wakeup time |