| 전자부품 데이터시트 검색엔진 |
|
STM32F301X6 데이터시트(PDF) 16 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STM32F301X6 데이터시트(HTML) 16 Page - STMicroelectronics |
|
16 / 141 page ![]() Functional overview STM32F301x6 STM32F301x8 16/141 DS9895 Rev 8 Note: For more details about the interconnect actions, refer to the corresponding sections in the STM32F301x6/8 and STM32F318x8 reference manual RM0366. Table 4. STM32F301x6/8 peripheral interconnect matrix Interconnect source Interconnect destination Interconnect action TIMx TIMx Timers synchronization or chaining ADC1 DAC1 Conversion triggers DMA Memory to memory transfer trigger Compx Comparator output blanking COMPx TIMx Timer input: OCREF_CLR input, input capture ADC1 TIM1 Timer triggered by analog watchdog GPIO RTCCLK HSE/32 MC0 TIM16 Clock source used as input channel for HSI and LSI calibration CSS CPU (hard fault) COMPx PVD GPIO TIM1 TIM15, 16, 17 Timer break GPIO TIMx External trigger, timer break ADC1 DAC1 Conversion external trigger DAC1 COMPx Comparator inverting input |