전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

STM32F301X6 데이터시트(PDF) 35 Page - STMicroelectronics

부품명 STM32F301X6
상세설명  Arm® Cortex®-M4 32-bit MCUFPU, up to 64 KB Flash, 16 KB SRAM, ADC, DAC, COMP, Op-Amp, 2.0 – 3.6 V
PDF  141 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  STMICROELECTRONICS [STMicroelectronics]
홈페이지  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32F301X6 데이터시트(HTML) 35 Page - STMicroelectronics

Back Button STM32F301X6 Datasheet HTML 31Page - STMicroelectronics STM32F301X6 Datasheet HTML 32Page - STMicroelectronics STM32F301X6 Datasheet HTML 33Page - STMicroelectronics STM32F301X6 Datasheet HTML 34Page - STMicroelectronics STM32F301X6 Datasheet HTML 35Page - STMicroelectronics STM32F301X6 Datasheet HTML 36Page - STMicroelectronics STM32F301X6 Datasheet HTML 37Page - STMicroelectronics STM32F301X6 Datasheet HTML 38Page - STMicroelectronics STM32F301X6 Datasheet HTML 39Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 141 page
background image
DS9895 Rev 8
35/141
STM32F301x6 STM32F301x8
Pinouts and pin description
52
Figure 8. STM32F301x6/8 WLCSP49 ballout
1. The above figure shows the package top view.
2. NC: Not connected.
MS31495V3
A
B
E
D
C
F
G
PC14
VDD
NRST
VSS
PA1
VDDA
VBAT
PC15
VSSA
VREF-
PA0
PA4
BOOT0
PB8
PB0
PB4
PB5
PB6
PB3
PA13
PA15
VDD
PA14
VSS
PA12
PB2
PA9
PB12
PA10
PB11
PA11
PB14
VDD
VSS
PB10
PA7
PA8
PB15
PB13
6
5
4
3
2
1
7
PB9
PB1
PC13
PA2
PA5
PA3
PA6
PB7
PF1
OSC_OUT
PF0
OSC_IN
NC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More