전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

STM32F301C6U6TR 데이터시트(PDF) 9 Page - STMicroelectronics

부품명 STM32F301C6U6TR
상세설명  Arm® Cortex®-M4 32-bit MCUFPU, up to 64 KB Flash, 16 KB SRAM, ADC, DAC, COMP, Op-Amp, 2.0 – 3.6 V
PDF  141 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  STMICROELECTRONICS [STMicroelectronics]
홈페이지  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32F301C6U6TR 데이터시트(HTML) 9 Page - STMicroelectronics

Back Button STM32F301C6U6TR Datasheet HTML 5Page - STMicroelectronics STM32F301C6U6TR Datasheet HTML 6Page - STMicroelectronics STM32F301C6U6TR Datasheet HTML 7Page - STMicroelectronics STM32F301C6U6TR Datasheet HTML 8Page - STMicroelectronics STM32F301C6U6TR Datasheet HTML 9Page - STMicroelectronics STM32F301C6U6TR Datasheet HTML 10Page - STMicroelectronics STM32F301C6U6TR Datasheet HTML 11Page - STMicroelectronics STM32F301C6U6TR Datasheet HTML 12Page - STMicroelectronics STM32F301C6U6TR Datasheet HTML 13Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 141 page
background image
DS9895 Rev 8
9/141
STM32F301x6 STM32F301x8
Introduction
52
1
Introduction
This datasheet provides the ordering information and mechanical device characteristics of
the STM32F301x6/8 microcontrollers.
This datasheet should be read in conjunction with the STM32F301x6/8 and STM32F318x8
advanced Arm®-based 32-bit MCUs reference manual (RM0366). The reference manual is
available from the STMicroelectronics website www.st.com.
For information on the Arm®(a) Cortex®-M4 core, refer to the Cortex®-M4 Technical
Reference Manual, available from Arm website www.arm.com.
a. Arm is a registered trademark of Arm Limited (or its subsidiaries) in the US and/or elsewhere.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More