전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

STM32F301C6U6TR 데이터시트(PDF) 29 Page - STMicroelectronics

부품명 STM32F301C6U6TR
상세설명  Arm® Cortex®-M4 32-bit MCUFPU, up to 64 KB Flash, 16 KB SRAM, ADC, DAC, COMP, Op-Amp, 2.0 – 3.6 V
PDF  141 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  STMICROELECTRONICS [STMicroelectronics]
홈페이지  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32F301C6U6TR 데이터시트(HTML) 29 Page - STMicroelectronics

Back Button STM32F301C6U6TR Datasheet HTML 25Page - STMicroelectronics STM32F301C6U6TR Datasheet HTML 26Page - STMicroelectronics STM32F301C6U6TR Datasheet HTML 27Page - STMicroelectronics STM32F301C6U6TR Datasheet HTML 28Page - STMicroelectronics STM32F301C6U6TR Datasheet HTML 29Page - STMicroelectronics STM32F301C6U6TR Datasheet HTML 30Page - STMicroelectronics STM32F301C6U6TR Datasheet HTML 31Page - STMicroelectronics STM32F301C6U6TR Datasheet HTML 32Page - STMicroelectronics STM32F301C6U6TR Datasheet HTML 33Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 141 page
background image
DS9895 Rev 8
29/141
STM32F301x6 STM32F301x8
Functional overview
52
Table 10. Capacitive sensing GPIOs available on STM32F301x6/8 devices
Group
Capacitive sensing signal name
Pin name
1
TSC_G1_IO1
PA0
TSC_G1_IO2
PA1
TSC_G1_IO3
PA2
TSC_G1_IO4
PA3
2
TSC_G2_IO1
PA4
TSC_G2_IO2
PA5
TSC_G2_IO3
PA6
TSC_G2_IO4
PA7
3
TSC_G3_IO1
PC5
TSC_G3_IO2
PB0
TSC_G3_IO3
PB1
TSC_G3_IO4
PB2
4
TSC_G4_IO1
PA9
TSC_G4_IO2
PA10
TSC_G4_IO3
PA13
TSC_G4_IO4
PA14
5
TSC_G5_IO1
PB3
TSC_G5_IO2
PB4
TSC_G5_IO3
PB6
TSC_G5_IO4
PB7
6
TSC_G6_IO1
PB11
TSC_G6_IO2
PB12
TSC_G6_IO3
PB13
TSC_G6_IO4
PB14
Table 11. No. of capacitive sensing channels available on
STM32F301x6/8 devices
Analog I/O group
Number of capacitive sensing channels
STM32F301Rx
STM32F301Cx
STM32F301Kx
G1
3
3
3
G2
3
3
3
G3
3
2
1
G4
3
3
3
G5
3
3
3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More