전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

MPL460AT-I/4LB 데이터시트(PDF) 27 Page - Microchip Technology

부품명 MPL460AT-I/4LB
상세설명  programmable modem designed for narrow-band Power Line Communication (PLC)
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  MICROCHIP [Microchip Technology]
홈페이지  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MPL460AT-I/4LB 데이터시트(HTML) 27 Page - Microchip Technology

Back Button MPL460AT-I/4LB Datasheet HTML 23Page - Microchip Technology MPL460AT-I/4LB Datasheet HTML 24Page - Microchip Technology MPL460AT-I/4LB Datasheet HTML 25Page - Microchip Technology MPL460AT-I/4LB Datasheet HTML 26Page - Microchip Technology MPL460AT-I/4LB Datasheet HTML 27Page - Microchip Technology MPL460AT-I/4LB Datasheet HTML 28Page - Microchip Technology MPL460AT-I/4LB Datasheet HTML 29Page - Microchip Technology MPL460AT-I/4LB Datasheet HTML 30Page - Microchip Technology MPL460AT-I/4LB Datasheet HTML 31Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 48 page
background image
PL460
Serial Peripheral Interface (SPI)
 Data Sheet
© 2020-2023 Microchip Technology Inc. and its subsidiaries
DS60001666D - 27
Figure 8-1. SPI Transfer Format (NCPHA = 1, 8 bits per transfer)
6
*
SCK
(CPOL = 0)
SCK
(CPOL = 1)
MOSI
(from
host)
MISO
(from
client)
CS
(to
client)
MSB
MSB
LSB
LSB
* Not defined.
1
2
3
4
5
7
8
6
SCK cycle (for reference)
6
5
4
3
1
2
6
5
4
3
1
2
Figure 8-2. SPI Transfer Format (NCPHA = 0, 8 bits per transfer)
SCK
(CPOL = 0)
SCK
(CPOL = 1)
MOSI
(from
host)
MISO
(from
client)
CS
(to
client)
MSB
MSB
LSB
LSB
* Not defined.
*
SCK cycle (for reference)
6
5
4
3
1
2
6
5
4
3
1
2
2
1
4
3
6
5
8
7
8.4.2.
SPI Client Mode
When operating in client mode, the SPI processes data bits on the clock provided on the SPI clock
pin (SCK). The SPI waits until CS goes active before receiving the serial clock from an external host.
When CS falls, the clock is validated and the data is loaded.
The bits are shifted out on the MISO line and sampled on the MOSI line.
When a transfer starts, the data shifted out is the data present in the internal Shift register. If no
data has been written, the last data received is transferred. If no data has been received since the
last reset, all bits are transmitted low, as the internal Shift register resets to 0.
When the first data is written, it is transferred immediately to the internal Shift register. If new data
is written, it remains until a transfer occurs, that is, CS falls and there is a valid clock on the SCK
pin. When the transfer occurs, the last data written is transferred to the internal Shift register. This
enables frequent updates of critical variables with single transfers.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com