| 전자부품 데이터시트 검색엔진 |
|
MPL460AT-I/4LB 데이터시트(PDF) 12 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
MPL460AT-I/4LB 데이터시트(HTML) 12 Page - Microchip Technology |
|
12 / 48 page ![]() PL460 Package and Ballout Data Sheet © 2020-2023 Microchip Technology Inc. and its subsidiaries DS60001666D - 12 Table 4-3. Pinout Specification (continued) Ballout Power Rail I/O Type Primary Reset State Signal Dir Signal, Dir, HiZ, ST B4 VDDIO PLC EMIT2 O O, HiZ B5 PVDDAMP Power VREGN — — B6 PVDDAMP Power PVDDAMP — — B7 PVDDAMP PLC OUT O — B8 PVDDAMP PLC ASO1 O — B9 PGND Power PGND — — C1 VDDCORE Power VDDCORE — — C2 VDDCORE Power VDDCORE — — C3 GND Power GND — — C4 GND Power GND — — C5 GND Power GND — — C6 GNDAMP Power GNDAMP — — C7 PVDDAMP Power VDDAMP — — C8 PGND Power PGND — — C9 PVDDAMP PLC ASO0 O — D1 VDDIO Power VDDIO — — D2 VDDIO Power VDDIO — — D3 VDDIO Power VDDIO — — D4 GND Power GND — — D5 GND Power GND — — D6 NC Do not connect, reserved for test D7 GND Power GND — — D8 PVDDAMP Power VDDAMP — — D9 PVDDAMP PLC ASO0 O — E1 VDDIN_AN PLC VIN I I, HiZ E2 AGND Ground AGND — — E3 GND Power GND — — E4 VDDIO Power VDDIO — — E5 NC Do not connect, reserved for test E6 NC Do not connect, reserved for test E7 NC Do not connect, reserved for test E8 VDDIO GPIO ASI1 O — E9 VDDIO GPIO ASI0 O — F1 VDDIN_AN Power VDDIN_AN — — F2 VDDIN_AN Analog VREFP — — F3 AGND Power AGND — — F4 GND Power GND — — F5 VDDIO Power VDDIO — — F6 VDDIO Power VDDIO — — F7 VDDIO GPIO THW1 O — F8 VDDIO GPIO NTHW0 O — F9 VDDIO GPIO MISO I/O MISO, I, HiZ G1 VDDIN_AN Analog VREFC — — G2 VDDIN_AN Analog VREFN — — |